Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7704 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7704
Description  Touch Dimmer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7704 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7704 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approximate internal connection circuit
Absolute Maximum Ratings
Supply Voltage ............................... –0.3V to 12V
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature................... 0
°C to 70°C
Storage Temperature................. –50
°C to 125°C
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Type
Max.
Unit
VDD
Condition
VDD
Operating Voltage
—
—
4
7
10
V
IDD
Operating Current
7V
*
—
200
400
µA
IIH
OPT1, OPT2 Input
High Current
7V
VIH=7V
—
40
80
µA
IOL1
TRIG1 Sink Current
7V
VOL=0.7V
0.4
0.7
—
mA
IOH1
TRIG1 Drive Current
7V
VOH=6.3V
–8
–14
—
mA
IOL2
TRIG2 Sink Current
7V
VOL=0.7V
6
11
—
mA
IOH2
TRIG2 Drive Current
7V
VOH=6.3V
–1
–2
—
mA
VIH
Input High Voltage
—
—
0.8VDD
——
V
VIL
Input Low Voltage
—
—
—
—
0.2VDD
V
FOSC
Operating Frequency
7V
ROSC=150K
Ω
—400
—
KHz
* The test conditions are shown below:
a. ZC is supplied by 60Hz/7V sinwave via 100K
Ω.
b. FB is connected to VSS and SENSE, FSEL to VDD.
HT7704
3
27th Dec ’96



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com