Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7704 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7704
Description  Touch Dimmer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7704 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7704 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7704 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Block Diagram
Pad Coordinates
Unit:
µm
Pad No.
X
Y
Pad No.
X
Y
1
–563.75
373
7
604.75
–122
2
–557.25
166
8
594.25
230.5
3
–563.75
–91
9
595.25
544.5
4
–198.25
–544
10
–308.25
573.5
5
171.25
–544
11
–641.75
573.5
6
604.75
–297
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1
OSC
I
∗
Oscillator input
2
ZC
I
CMOS
Line frequency 50Hz or 60Hz input for zero crossing
3
VDD
I
—
Power supply (positive)
4
SENSE
I
∗
Touch sense input
5FB
I
∗
Feedback signal to control the sink current of the
SENSE pin.
6
FSEL
I
CMOS
For 50Hz or 60Hz AC signal selection input
It is connected to VSS when the AC line is 50Hz.
However, when the AC line is 60Hz, it is connected to
VDD. Refer to the application circuit for connection
details.
7
VSS
I
—
Power supply (negative)
8
TRIG1
O
CMOS
Trigger output to drive the TRIAC
Low pulse output with a capacitor and resistors for
applications
HT7704
2
27th Dec ’96



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com