Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

4N65 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 4N65
Download  4N65 Download
File Size   809.38 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-channel power MOS tube

4N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N65 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 4N65
Download  4N65 Click to download

File Size   809.38 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-channel power MOS tube

4N65 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


4N65 Product details

Features
* VDS (V)=650V
* RDS(ON) ≤ 2.7 (VGS = 10V)
* ID=4.0A




Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65 UTC-4N65 Datasheet
390Kb / 8P
4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
136Kb / 2P
Drain Current ID= 4A@ TC=25C
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205SS FUMAN-8205SS Datasheet
93Kb / 1P
N-channel power MOS field effect tube
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
8810A FUMAN-8810A Datasheet
150Kb / 1P
N-channel power MOS field effect tube
logo
Guangdong Youtai Semico...
10N65F UMW-10N65F Datasheet
494Kb / 9P
N-channel power MOS tube
2N60 UMW-2N60 Datasheet
2Mb / 9P
N-channel power MOS tube
2N65 UMW-2N65 Datasheet
2Mb / 11P
N-channel power MOS tube
4N60 UMW-4N60 Datasheet
1Mb / 9P
N-channel power MOS tube
5N65 UMW-5N65 Datasheet
560Kb / 9P
N-channel power MOS tube
7N65 UMW-7N65 Datasheet
692Kb / 11P
N-channel power MOS tube
UMW4N65F UMW-UMW4N65F Datasheet
540Kb / 6P
N-channel power MOS tube
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com