Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

7N65 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 7N65
Download  7N65 Download
File Size   692.23 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description  N-channel power MOS tube

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7N65
Download  7N65 Click to download

File Size   692.23 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description  N-channel power MOS tube

7N65 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


7N65 Product details

Features
* VDS (V)=650V
* RDS(ON) < 1.4 (VGS = 10V)
* ID=7.0A




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205SS FUMAN-8205SS Datasheet
93Kb / 1P
N-channel power MOS field effect tube
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
8810A FUMAN-8810A Datasheet
150Kb / 1P
N-channel power MOS field effect tube
logo
Guangdong Youtai Semico...
10N65F UMW-10N65F Datasheet
494Kb / 9P
N-channel power MOS tube
2N60 UMW-2N60 Datasheet
2Mb / 9P
N-channel power MOS tube
2N65 UMW-2N65 Datasheet
2Mb / 11P
N-channel power MOS tube
4N60 UMW-4N60 Datasheet
1Mb / 9P
N-channel power MOS tube
4N65 UMW-4N65 Datasheet
809Kb / 9P
N-channel power MOS tube
5N65 UMW-5N65 Datasheet
560Kb / 9P
N-channel power MOS tube
UMW4N65F UMW-UMW4N65F Datasheet
540Kb / 6P
N-channel power MOS tube
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com