Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAM-200S150DB Datasheet (PDF) - Inventronics Inc.

EAM-200S150DB Datasheet PDF - Inventronics Inc.
Part # EAM-200S150DB
Download  EAM-200S150DB Download
File Size   787.58 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP66/IP67 Driver

EAM-200S150DB Datasheet (PDF)

Go To PDF Page Download Datasheet
EAM-200S150DB Datasheet PDF - Inventronics Inc.

Part # EAM-200S150DB
Download  EAM-200S150DB Click to download

File Size   787.58 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP66/IP67 Driver

EAM-200S150DB Datasheet (HTML) - Inventronics Inc.


EAM-200S150DB Product details

Features
 Compact Metal Case with Excellent Thermal Performance
 Input Over Voltage Protection at 440Vac with 48 Hours
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 0-10V/10V PWM/3-Timer-Modes Dimmable
 Output Lumen Compensation
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: IOVP, OVP, SCP, OTP
 IP66/IP67
 SELV Output
 5 Years Warranty
Description
The EAM-200SxxxDB series is a 200W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 90-305Vac input with excellent power factor. It is created for many lighting applications including
high bay, high mast and roadway, etc. The high efficiency of these drivers and compact metal case enables them
to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, input over voltage, over voltage, short circuit, and over temperature.




Similar Part No. - EAM-200S150DB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EAM-200S150SB INVENTRONICS-EAM-200S150SB Datasheet
699Kb / 12P
200W AOC IP66/IP67 Driver with 440Vac Protection
Rev . B
More results


Similar Description - EAM-200S150DB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-200SXXXDV INVENTRONICS-EUG-200SXXXDV Datasheet
860Kb / 13P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
EBD-200SXXXDV INVENTRONICS-EBD-200SXXXDV Datasheet
1Mb / 11P
200W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com