Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAM-200S150SB Datasheet (PDF) - Inventronics Inc.

EAM-200S150SB Datasheet PDF - Inventronics Inc.
Part # EAM-200S150SB
Download  EAM-200S150SB Download
File Size   699.73 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W AOC IP66/IP67 Driver with 440Vac Protection

EAM-200S150SB Datasheet (PDF)

Go To PDF Page Download Datasheet
EAM-200S150SB Datasheet PDF - Inventronics Inc.

Part # EAM-200S150SB
Download  EAM-200S150SB Click to download

File Size   699.73 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W AOC IP66/IP67 Driver with 440Vac Protection

EAM-200S150SB Datasheet (HTML) - Inventronics Inc.


EAM-200S150SB Product details

Features
 Compact Metal Case with Excellent Thermal Performance
 Input Over Voltage Protection at 440Vac with 48 Hours
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Potentiometer
 Non-dimming Control
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: IOVP, OVP, SCP, OTP
 IP66/IP67
 SELV Output
 5 Years Warranty
Description
The EAM-200SxxxSB series is a 200W, constant-current, AOC LED driver that operates from 90-305Vac input
with excellent power factor. It is created for many lighting applications including high bay, high mast and roadway,
etc. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
output over voltage, short circuit, and over temperature.




Similar Part No. - EAM-200S150SB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EAM-200S150DB INVENTRONICS-EAM-200S150DB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
More results


Similar Description - EAM-200S150SB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-075SXXXSB INVENTRONICS-DS-EAM-075SXXXSB Datasheet
546Kb / 11P
75W A OC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-100SXXXSB INVENTRONICS-DS-EAM-100SXXXSB Datasheet
546Kb / 10P
100W AOC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXSB INVENTRONICS-DS-EAM-240SXXXSB Datasheet
653Kb / 11P
240W AOC IP66/IP67 Driver with 440Vac Protection
Rev.A
DS-EDC-100S105SV2 INVENTRONICS-DS-EDC-100S105SV2 Datasheet
458Kb / 8P
100W AOC IP66/IP67
Rev.B
DS-EDC-150S105SV2 INVENTRONICS-DS-EDC-150S105SV2 Datasheet
482Kb / 8P
150W AOC IP66/IP67
Rev.A
DS_EAM-150SXXXSB INVENTRONICS-DS_EAM-150SXXXSB Datasheet
619Kb / 13P
150W A OC IP66/IP67 Driver with 440Vac Protection
Rev. E
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXGT INVENTRONICS-EUD-200SXXXGT Datasheet
502Kb / 12P
200W Programmable IP67 Driver with DMX512
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com