Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-240S150BX Datasheet (PDF) - Inventronics Inc.

ESM-240S150BX Datasheet PDF - Inventronics Inc.
Part # ESM-240S150BX
Download  ESM-240S150BX Download
File Size   864.74 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W NFC Driver with DALI-2 and D4i

ESM-240S150BX Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-240S150BX Datasheet PDF - Inventronics Inc.

Part # ESM-240S150BX
Download  ESM-240S150BX Click to download

File Size   864.74 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W NFC Driver with DALI-2 and D4i

ESM-240S150BX Datasheet (HTML) - Inventronics Inc.


ESM-240S150BX Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with NFC
 DALI-2 and D4i Certified
 3-Timer-Modes Dimmable
 Dim-to-Off with Low Standby Power
 Always-on Auxiliary Power: 24Vdc,125mA,3W (Transient
Peak Power up to 10W)
 Integrated 16Vdc Bus Power Supply based on DALI-2
 Integrated Power Monitoring with High Accuracy up to ±1%
 Output Lumen Compensation
 End-of-Life Indicator
 Thermal Sensing and Protection for LED Module
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
 IP66/IP67 and UL Dry/Damp/Wet Location
 TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Year Warranty
Description
The ESM-240SxxxBx series is a 240W, constant-current, NFC programmable and IP66/IP67 rated LED driver that
operates from 249-528Vac input with excellent power factor. Created for intra-luminaire solutions and health
monitoring applications, this family provides integrated AC power monitoring with an auxiliary voltage and dim-tooff
functionality for powering low voltage, wireless controls. The dimming control supports two-way communication
via DALI-2 and complies with D4i. The high efficiency of these drivers and compact metal case enables them to
run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection
is provided against input surge, input under voltage, input over voltage, output over voltage, short circuit, and over
temperature.




Similar Part No. - ESM-240S150BX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-240S150DX INVENTRONICS-ESM-240S150DX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
ESM-240S150LX INVENTRONICS-ESM-240S150LX Datasheet
853Kb / 16P
240W NFC Driver with INV Digital Dimming
Rev.D
ESM-240S150MX INVENTRONICS-ESM-240S150MX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
More results


Similar Description - ESM-240S150BX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-025SXXXBT2 INVENTRONICS-DS-EBS-025SXXXBT2 Datasheet
673Kb / 15P
25W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
DS-EBS-040SXXXBT2 INVENTRONICS-DS-EBS-040SXXXBT2 Datasheet
682Kb / 14P
40W Class I/II NFC Driver with DALI-2 and D4i
Rev.C
DS-EBS-080SXXXBT2 INVENTRONICS-DS-EBS-080SXXXBT2 Datasheet
681Kb / 15P
80W Class I/II NFC Driver with DALI-2 and D4i
Rev.D
DS-EBS-120SXXXBT2 INVENTRONICS-DS-EBS-120SXXXBT2 Datasheet
679Kb / 15P
120W Class I/II NFC Driver with DALI-2 and D4i
Rev.B
DS-EBS-165SXXXBT2 INVENTRONICS-DS-EBS-165SXXXBT2 Datasheet
683Kb / 14P
165W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
ESM-320SXXXBX INVENTRONICS-ESM-320SXXXBX Datasheet
1,002Kb / 16P
320W NFC Driver with DALI-2 and D4i
Rev.B
ESM-480SXXXBG INVENTRONICS-ESM-480SXXXBG Datasheet
941Kb / 16P
480W NFC Driver with DALI-2 and D4i
Rev.B
ESM-680SXXXBG INVENTRONICS-ESM-680SXXXBG Datasheet
1Mb / 16P
680W NFC Driver with DALI-2 and D4i
Rev.B
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com