Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-240S150DX Datasheet (PDF) - Inventronics Inc.

ESM-240S150DX Datasheet PDF - Inventronics Inc.
Part # ESM-240S150DX
Download  ESM-240S150DX Download
File Size   728.95 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP66/IP67 Driver

ESM-240S150DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-240S150DX Datasheet PDF - Inventronics Inc.

Part # ESM-240S150DX
Download  ESM-240S150DX Click to download

File Size   728.95 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP66/IP67 Driver

ESM-240S150DX Datasheet (HTML) - Inventronics Inc.


ESM-240S150DX Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 1-10V/10V PWM/3-Timer-Modes Dimmable
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP66/IP67 and UL Dry/Damp/Wet Location
 TYPE HL, for use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty
Description
The ESM-240SxxxDx series is a 240W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 249-528Vac input with excellent power factor. It is created for many lighting applications including
high bay, high mast and roadway, etc. The high efficiency of these drivers and compact metal case enables them
to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - ESM-240S150DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-240S150BX INVENTRONICS-ESM-240S150BX Datasheet
864Kb / 14P
240W NFC Driver with DALI-2 and D4i
Rev.C
ESM-240S150LX INVENTRONICS-ESM-240S150LX Datasheet
853Kb / 16P
240W NFC Driver with INV Digital Dimming
Rev.D
ESM-240S150MX INVENTRONICS-ESM-240S150MX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
More results


Similar Description - ESM-240S150DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
240W Programmable IP67 Driver
Rev.D
EUG-240SXXXDT INVENTRONICS-EUG-240SXXXDT Datasheet
997Kb / 15P
240W Programmable IP67 Driver
Rev. E
EUG-240SXXXDV INVENTRONICS-EUG-240SXXXDV Datasheet
846Kb / 14P
240W Programmable IP67 Driver
Rev. E
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
240W Programmable IP67 Driver
Rev. F
EBD-240SXXXDV INVENTRONICS-EBD-240SXXXDV Datasheet
1Mb / 11P
240W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com