Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUN-042SXXXDTST Datasheet (PDF) - Inventronics Inc.

LUN-042SXXXDTST Datasheet PDF - Inventronics Inc.
Part # LUN-042SXXXDTST
Download  LUN-042SXXXDTST Download
File Size   1505.85 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Programmable IP54 Driver

LUN-042SXXXDTST Datasheet (PDF)

Go To PDF Page Download Datasheet
LUN-042SXXXDTST Datasheet PDF - Inventronics Inc.

Part # LUN-042SXXXDTST
Download  LUN-042SXXXDTST Click to download

File Size   1505.85 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Programmable IP54 Driver

LUN-042SXXXDTST Datasheet (HTML) - Inventronics Inc.


LUN-042SXXXDTST Product details

Features
 Adjustable Output Current (AOC) with NFC
 Full Power at Wide Output Current Range (Constant Power)
 Flicker-Free
 Isolated 1-10V Dimming Control (DT models)
Non-dimming Control (ST models)
 Minimum Dimming Level with 5% or 10% Settable (DT models)
 Input Surge Protection: DM 2kV, CM 2kV
 IP54 and UL Dry & Damp Location
 Class 2 & SELV output
 UL Class P Type
 Suitable for Class I Luminaires
 5 Years Warranty
Description
The LUN-042SxxxDT(ST) series is a 42W, constant-power, programmable IP54 LED driver that operates from 90-
305Vac input with excellent power factor. It is created for many lighting applications including panel and down
lights, etc. it provides good dimming accuracy at low dimming level down to 5%, the high efficiency and better
thermal design enable them to run cooler, significantly improving reliability and extending product life. To ensure
trouble-free operation, protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - LUN-042SXXXDTST

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LUNA-D125 LANNER-LUNA-D125 Datasheet
424Kb / 2P
Lanner Universal Network Appliance Built with Intel짰 Atom짰 C2316 Processor (Codenamed Rangeley)
LUNA-D125A LANNER-LUNA-D125A Datasheet
424Kb / 2P
Lanner Universal Network Appliance Built with Intel짰 Atom짰 C2316 Processor (Codenamed Rangeley)
logo
Timeguard
LUNA108 TIMEGUARD-LUNA108 Datasheet
602Kb / 3P
Time and light control Twilight switches
More results


Similar Description - LUN-042SXXXDTST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDVM INVENTRONICS-EUC-042SXXXDVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com