Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP185 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TLP185 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TLP185
Download  TLP185 Download
File Size   1191.62 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Collector-emitter voltage: 80 V (min)

TLP185 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP185 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP185
Download  TLP185 Click to download

File Size   1191.62 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Collector-emitter voltage: 80 V (min)

TLP185 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TLP185 Product details

Applications
Office Equipment
Programmable Logic Controllers (PLCs)
AC Adapters
I/O Interface Boards

General
The UMW TLP185 consist of a photo transistor optically coupled to gallium arsenide infrared emitting
diode. The UMW TLP185 photocoupler is housed in the very small and thin SO6 package.
Since UMW TLP185 is smaller than DIP package, it's suitable for high-density surface mounting
application such as programmable controllers.

Features
Collector-emitter voltage: 80 V (min)
Current transfer ratio: 50% (min)
Rank GB: 100% (min)
Isolation voltage: 3750 Vrms (min)
Operating temperature: -55 to 110 
Safety standards
UL-approved: UL1577, File No.E492440




Similar Part No. - TLP185

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP185 TOSHIBA-TLP185 Datasheet
239Kb / 11P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
More results


Similar Description - TLP185

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2301 TOSHIBA-TLP2301 Datasheet
307Kb / 11P
Collector-emitter voltage - 40 V (min)
logo
Inchange Semiconductor ...
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SB874 ISC-2SB874 Datasheet
111Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD208 ISC-3DD208 Datasheet
188Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD7E ISC-3DD7E Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min)
BUY72 ISC-BUY72 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com