Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2301 Datasheet (PDF) - Toshiba Semiconductor

TLP2301 Datasheet PDF - Toshiba Semiconductor
Part # TLP2301
Download  TLP2301 Download
File Size   307.85 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Collector-emitter voltage - 40 V (min)

TLP2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2301 Datasheet PDF - Toshiba Semiconductor

Part # TLP2301
Download  TLP2301 Click to download

File Size   307.85 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Collector-emitter voltage - 40 V (min)

TLP2301 Datasheet (HTML) - Toshiba Semiconductor




Similar Part No. - TLP2301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
More results


Similar Description - TLP2301

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SB874 ISC-2SB874 Datasheet
111Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD208 ISC-3DD208 Datasheet
188Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD7E ISC-3DD7E Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min)
BUY72 ISC-BUY72 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
Collector-emitter voltage: 80 V (min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com