Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5303 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N5303 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N5303
Download  2N5303 Download
File Size   289.54 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N5303 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5303 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N5303
Download  2N5303 Click to download

File Size   289.54 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N5303 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N5303 Product details

FEATURES
·Low Collector Saturation Voltage-
: VCE(sat)= 1.0V(Max.)@ IC= 10A
·Wide Area of Safe Operation
·Complement to Type 2N5745
DESCRIPTION
·Designed for use in power amplifier and switching circuits
applications.




Similar Part No. - 2N5303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5303 MOSPEC-2N5303 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
logo
ON Semiconductor
2N5303 ONSEMI-2N5303 Datasheet
251Kb / 6P
POWER TRANSISTORS NPN SILICON
1995
logo
Microsemi Corporation
2N5303 MICROSEMI-2N5303 Datasheet
68Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5303 ETC-2N5303 Datasheet
347Kb / 8P
Power Transistors
logo
Solid States Devices, I...
2N5303 SSDI-2N5303 Datasheet
201Kb / 2P
200 WATT NPN SILICON POWER TRANSISTOR
More results


Similar Description - 2N5303

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com