Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-200SXXXGV Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXGV Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXGV
Download  EUD-200SXXXGV Download
File Size   556.99 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver with DMX512

EUD-200SXXXGV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXGV Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXGV
Download  EUD-200SXXXGV Click to download

File Size   556.99 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver with DMX512

EUD-200SXXXGV Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXGV Product details

Features
Ultra High Efficiency (Up to 93.5%)
Programmable Constant-Current Output
DMX512 Dimmable
Standby Power 1 W
Input surge protection: 4kV line-line, 6kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use

Description
The EUD-200SxxxGV series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for arena, theatrical and architectural lights, it provides a dim-tooff
mode with low standby power. The high efficiency of these drivers and compact metal case enables them to
run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against over input surge, output voltage, short circuit, and over temperature.




Similar Part No. - EUD-200SXXXGV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXGT INVENTRONICS-EUD-200SXXXGT Datasheet
502Kb / 12P
200W Programmable IP67 Driver with DMX512
Rev. G
More results


Similar Description - EUD-200SXXXGV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-200SXXXDV INVENTRONICS-EUG-200SXXXDV Datasheet
860Kb / 13P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXGT INVENTRONICS-EUD-200SXXXGT Datasheet
502Kb / 12P
200W Programmable IP67 Driver with DMX512
Rev. G
EBD-200SXXXDV INVENTRONICS-EBD-200SXXXDV Datasheet
1Mb / 11P
200W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com