Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUG-192DXXXDV Datasheet (PDF) - Inventronics Inc.

EUG-192DXXXDV Datasheet PDF - Inventronics Inc.
Part # EUG-192DXXXDV
Download  EUG-192DXXXDV Download
File Size   1296.28 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 192W Two-channel Programmable Driver

EUG-192DXXXDV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUG-192DXXXDV Datasheet PDF - Inventronics Inc.

Part # EUG-192DXXXDV
Download  EUG-192DXXXDV Click to download

File Size   1296.28 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 192W Two-channel Programmable Driver

EUG-192DXXXDV Datasheet (HTML) - Inventronics Inc.


EUG-192DXXXDV Product details

Features
High Efficiency (Up to 92.0%)
Two Independent Output Channels (Isolated)
Two Independent Dimming Channels (Isolated)
Full Power at Wide Output Current Range (Constant Power)
0-5V/0-10V/PWM/3-Timer-Modes Dimmable
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: IUVP, OVP, SCP, OTP
IP67
SELV Output
7 Years Warranty

Description
The EUG-192DxxxDV series is a 192W, two-channel, constant-current, programmable LED driver that operates
from 90-305 Vac input with excellent power factor. It is created for many lighting applications including high bay,
roadway, tunnel and horticulture. The high efficiency of these drivers and compact metal case enables them to
run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUG-192DXXXDV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUG-192DXXXDT INVENTRONICS-EUG-192DXXXDT Datasheet
1Mb / 13P
192W Two-channel Class 2 Programmable Driver
Rev.C
More results


Similar Description - EUG-192DXXXDV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
Two-channel H-Bridge Driver
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
Two-channel H-Bridge Driver
June, 2013
logo
Unisonic Technologies
F1836 UTC-F1836_15 Datasheet
107Kb / 6P
TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM2530E HMSEMI-HM2530E Datasheet
905Kb / 11P
Two-channel motor driver chip
HM2515E HMSEMI-HM2515E Datasheet
701Kb / 8P
Two-channel motor driver chip
logo
NXP Semiconductors
ASL2416SHN NXP-ASL2416SHN Datasheet
1Mb / 37P
Enhanced two channel LED buck driver
Rev. 6 - 16 September 2019
logo
Inventronics Inc.
EUG-192DXXXDT INVENTRONICS-EUG-192DXXXDT Datasheet
1Mb / 13P
192W Two-channel Class 2 Programmable Driver
Rev.C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com