Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUG-192DXXXDT Datasheet (PDF) - Inventronics Inc.

EUG-192DXXXDT Datasheet PDF - Inventronics Inc.
Part # EUG-192DXXXDT
Download  EUG-192DXXXDT Download
File Size   1332.51 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 192W Two-channel Class 2 Programmable Driver

EUG-192DXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUG-192DXXXDT Datasheet PDF - Inventronics Inc.

Part # EUG-192DXXXDT
Download  EUG-192DXXXDT Click to download

File Size   1332.51 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 192W Two-channel Class 2 Programmable Driver

EUG-192DXXXDT Datasheet (HTML) - Inventronics Inc.


EUG-192DXXXDT Product details

Features
• High Efficiency (Up to 92.0%)
• Two Independent Output Channels (Isolated)
• Two Independent Dimming Channels (Isolated)
• Full Power at Wide Output Current Range (Constant Power)
• 0-5V/0-10V/PWM/3-Timer-Modes Dimmable
• Input Surge Protection: DM 6kV, CM 10kV
• All-Around Protection: IUVP, OVP, SCP, OTP
• IP67 and UL Dry / Damp / Wet Location
• Class 2 & SELV Output
• TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
• UL Class P Type
• 7 Years Warranty

Description
The EUG-192DxxxDT series is a 192W, two-channel, constant-current, programmable LED driver that operates
from 90-305 Vac input with excellent poswer factor. It is created for many lighting applications including high bay,
roadway, tunnel and horticulture, etc. The high efficiency of these drivers and compact metal case enables them
to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUG-192DXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUG-192DXXXDV INVENTRONICS-EUG-192DXXXDV Datasheet
1Mb / 13P
192W Two-channel Programmable Driver
Rev. B
More results


Similar Description - EUG-192DXXXDT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
Two-channel H-Bridge Driver
logo
Inventronics Inc.
DS-EBS-040SXXXDT2 INVENTRONICS-DS-EBS-040SXXXDT2 Datasheet
748Kb / 12P
40W Class I/II Programmable IP20 Driver
Rev.E
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
DS-EBS-120SXXXDT2 INVENTRONICS-DS-EBS-120SXXXDT2 Datasheet
694Kb / 12P
120W Class I/II Programmable IP20 Driver
Rev.A
DS-EBS-165SXXXDT2 INVENTRONICS-DS-EBS-165SXXXDT2 Datasheet
684Kb / 13P
165W Class I/II Programmable IP20 Driver
Rev.A
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUM-030SXXXDE INVENTRONICS-EUM-030SXXXDE Datasheet
630Kb / 12P
30W Class II Programmable IP66/IP67 Driver
Rev. D
EUD-100SXXXDD INVENTRONICS-EUD-100SXXXDD Datasheet
1Mb / 11P
100W Class II Programmable IP67 Driver
Rev.C
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
200W Class II Programmable IP67 Driver
Rev. F
EUG-192DXXXDV INVENTRONICS-EUG-192DXXXDV Datasheet
1Mb / 13P
192W Two-channel Programmable Driver
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com