Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-100SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-100SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-100SXXXST
Download  EUV-100SXXXST Download
File Size   211.67 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

EUV-100SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-100SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-100SXXXST
Download  EUV-100SXXXST Click to download

File Size   211.67 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

EUV-100SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-100SXXXST Product details

Features
• Ultra High Efficiency (Up to 92%)
• High Power Factor (0.99 Typical)
• Constant Voltage
• Lightning Protection
• All-Round Protection: OVP, OCP, SCP, OTP
• Waterproof (IP67)

Description
The EUV-100SxxxST Series operate from a 90 ~ 305 Vac input range. They are designed to be highly
efficient and highly reliable. Features include lightning protection, over voltage protection, over current
protection, short circuit protection and over temperature protection.




Similar Part No. - EUV-100SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-100SXXXSV INVENTRONICS-EUV-100SXXXSV Datasheet
430Kb / 7P
100W Constant Voltage IP67 Driver
Rev. N
More results


Similar Description - EUV-100SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LHC-028SXXXRSP INVENTRONICS-LHC-028SXXXRSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LLC-024SXXXRSP INVENTRONICS-LLC-024SXXXRSP Datasheet
205Kb / 6P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDDM INVENTRONICS-LUC-042DXXXDDM Datasheet
360Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDSM INVENTRONICS-LUC-042DXXXDSM Datasheet
962Kb / 8P
Driving the Lighting Revolution
Rev. D
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-072QXXXDDM INVENTRONICS-LUC-072QXXXDDM Datasheet
450Kb / 8P
Driving the Lighting Revolution
Rev. A
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
EUC-035SXXXDT INVENTRONICS-EUC-035SXXXDT Datasheet
246Kb / 8P
Driving the Lighting Revolution
Rev .H
EUC-100SXXXDT INVENTRONICS-EUC-100SXXXDT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-120SXXXDT INVENTRONICS-EUC-120SXXXDT Datasheet
334Kb / 10P
Driving the Lighting Revolution
Rev. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com