Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC-028SXXXRSP Datasheet (PDF) - Inventronics Inc.

LHC-028SXXXRSP Datasheet PDF - Inventronics Inc.
Part # LHC-028SXXXRSP
Download  LHC-028SXXXRSP Download
File Size   159.31 Kbytes
Page   6 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description DrivingtheLightingRevolution

LHC-028SXXXRSP Datasheet (PDF)

Go To PDF Page Download Datasheet
LHC-028SXXXRSP Datasheet PDF - Inventronics Inc.

Part # LHC-028SXXXRSP
Download  LHC-028SXXXRSP Click to download

File Size   159.31 Kbytes
Page   6 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description DrivingtheLightingRevolution

LHC-028SXXXRSP Datasheet (HTML) - Inventronics Inc.


LHC-028SXXXRSP Product details

Features
Leading Edge and Trailing Edge AC Dimmable
Constant Current Output
High Efficiency (Up to 85%)
Active Power Factor Correction (Up to 0.95)
All-Around Protection: OTP, OLP, SCP and No Load Protection
EN61347 Safety Standards Approved

Description
The LHC-028SxxxRSP series operates from a 176 ~ 264 Vac input range. They are designed to be highly
efficient and reliable. Features include dimming control with leading edge and trailing edge, open lamp,
short circuit and no load protections.




Similar Part No. - LHC-028SXXXRSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024SXXXRSP INVENTRONICS-LHC-024SXXXRSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results


Similar Description - LHC-028SXXXRSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-100SXXXST INVENTRONICS-EUV-100SXXXST Datasheet
211Kb / 7P
Driving the Lighting Revolution
Rev. L
LLC-024SXXXRSP INVENTRONICS-LLC-024SXXXRSP Datasheet
205Kb / 6P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDDM INVENTRONICS-LUC-042DXXXDDM Datasheet
360Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDSM INVENTRONICS-LUC-042DXXXDSM Datasheet
962Kb / 8P
Driving the Lighting Revolution
Rev. D
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-072QXXXDDM INVENTRONICS-LUC-072QXXXDDM Datasheet
450Kb / 8P
Driving the Lighting Revolution
Rev. A
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
EUC-035SXXXDT INVENTRONICS-EUC-035SXXXDT Datasheet
246Kb / 8P
Driving the Lighting Revolution
Rev .H
EUC-100SXXXDT INVENTRONICS-EUC-100SXXXDT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-120SXXXDT INVENTRONICS-EUC-120SXXXDT Datasheet
334Kb / 10P
Driving the Lighting Revolution
Rev. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com