Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-072QXXXDDM Datasheet (PDF) - Inventronics Inc.

LUC-072QXXXDDM Datasheet PDF - Inventronics Inc.
Part # LUC-072QXXXDDM
Download  LUC-072QXXXDDM Download
File Size   450.75 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

LUC-072QXXXDDM Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-072QXXXDDM Datasheet PDF - Inventronics Inc.

Part # LUC-072QXXXDDM
Download  LUC-072QXXXDDM Click to download

File Size   450.75 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

LUC-072QXXXDDM Datasheet (HTML) - Inventronics Inc.


LUC-072QXXXDDM Product details

Features
0 -10V Dimmable (Compatible with Passive Dimmers)
5% Minimum Dimming Level
Four Channels of Constant Current Output
High Efficiency (Up to 86%)
Active Power Factor Correction (0.96 Typical)
Waterproof (IP54)
All-Around Protection: SCP, OTP, OVP
Independent Class II and SELV

Description
The LUC-072QxxxDDM(SDM) Series operates from a 90 ~ 305 Vac/127~250 Vdc input range. They are designed to be highly efficient and highly reliable. Features include lightning protection, short circuit protection, over voltage protection and over temperature protection.




Similar Part No. - LUC-072QXXXDDM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
More results


Similar Description - LUC-072QXXXDDM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-100SXXXST INVENTRONICS-EUV-100SXXXST Datasheet
211Kb / 7P
Driving the Lighting Revolution
Rev. L
LHC-028SXXXRSP INVENTRONICS-LHC-028SXXXRSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LLC-024SXXXRSP INVENTRONICS-LLC-024SXXXRSP Datasheet
205Kb / 6P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDDM INVENTRONICS-LUC-042DXXXDDM Datasheet
360Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDSM INVENTRONICS-LUC-042DXXXDSM Datasheet
962Kb / 8P
Driving the Lighting Revolution
Rev. D
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
EUC-035SXXXDT INVENTRONICS-EUC-035SXXXDT Datasheet
246Kb / 8P
Driving the Lighting Revolution
Rev .H
EUC-100SXXXDT INVENTRONICS-EUC-100SXXXDT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-120SXXXDT INVENTRONICS-EUC-120SXXXDT Datasheet
334Kb / 10P
Driving the Lighting Revolution
Rev. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com