Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-066TXXXDSM Datasheet (PDF) - Inventronics Inc.

LUC-066TXXXDSM Datasheet PDF - Inventronics Inc.
Part # LUC-066TXXXDSM
Download  LUC-066TXXXDSM Download
File Size   416.73 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

LUC-066TXXXDSM Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-066TXXXDSM Datasheet PDF - Inventronics Inc.

Part # LUC-066TXXXDSM
Download  LUC-066TXXXDSM Click to download

File Size   416.73 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Driving the Lighting Revolution

LUC-066TXXXDSM Datasheet (HTML) - Inventronics Inc.


LUC-066TXXXDSM Product details

Features
0 -10V Dimmable (Compatible with Passive Dimmers)
5% Minimum Dimming Level
Three Channels of Constant Current Output
High Efficiency (Up to 87%)
Active Power Factor Correction (0.96 Typical)
Waterproof (IP54)
All-Around Protection: SCP, OTP, OVP
Class 2 Output and SELV

Description
The LUC-066TxxxDSM(SSM) Series operates from a 90 ~ 305 Vac/127~300 Vdc input range. They are designed to be highly efficient and highly reliable. Features include lightning protection, short circuit protection, over voltage protection and over temperature protection.




Similar Part No. - LUC-066TXXXDSM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
More results


Similar Description - LUC-066TXXXDSM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LHC-028SXXXRSP INVENTRONICS-LHC-028SXXXRSP Datasheet
159Kb / 6P
DrivingtheLightingRevolution
Rev. C
LLC-024SXXXRSP INVENTRONICS-LLC-024SXXXRSP Datasheet
205Kb / 6P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDDM INVENTRONICS-LUC-042DXXXDDM Datasheet
360Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-042DXXXDSM INVENTRONICS-LUC-042DXXXDSM Datasheet
962Kb / 8P
Driving the Lighting Revolution
Rev. D
LUC-066TXXXDDM INVENTRONICS-LUC-066TXXXDDM Datasheet
391Kb / 8P
Driving the Lighting Revolution
Rev. C
LUC-072QXXXDDM INVENTRONICS-LUC-072QXXXDDM Datasheet
450Kb / 8P
Driving the Lighting Revolution
Rev. A
LUC-072QXXXDSM INVENTRONICS-LUC-072QXXXDSM Datasheet
400Kb / 8P
Driving the Lighting Revolution
Rev. A
EUC-035SXXXDT INVENTRONICS-EUC-035SXXXDT Datasheet
246Kb / 8P
Driving the Lighting Revolution
Rev .H
EUC-100SXXXDT INVENTRONICS-EUC-100SXXXDT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-120SXXXDT INVENTRONICS-EUC-120SXXXDT Datasheet
334Kb / 10P
Driving the Lighting Revolution
Rev. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com