Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUD-060SXXXDSF Datasheet (PDF) - Inventronics Inc.

LUD-060SXXXDSF Datasheet PDF - Inventronics Inc.
Part # LUD-060SXXXDSF
Download  LUD-060SXXXDSF Download
File Size   1332.54 Kbytes
Page   16 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Programmable IP20 Driver

LUD-060SXXXDSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUD-060SXXXDSF Datasheet PDF - Inventronics Inc.

Part # LUD-060SXXXDSF
Download  LUD-060SXXXDSF Click to download

File Size   1332.54 Kbytes
Page   16 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Programmable IP20 Driver

LUD-060SXXXDSF Datasheet (HTML) - Inventronics Inc.


LUD-060SXXXDSF Product details

Features
Dim-to-off with Standby Power≤0.5 W
Always-On Auxiliary Power: 12Vdc, 200mA
Thermal Sensing and Protection for LED Module
Full Power at 70-100% Max Current (Constant Power)
Flicker-Free
Dimmable to 1% by 0-10V and PWM
Output Lumen Compensation
Class II, SELV and Class 2
Suitable for Built-in Use

Description
The LUD-060SxxxDSF series is a 60W, constant-current, programmable IP20 LED driver that operates from 90-305 Vac input with excellent power factor. It is created for many lighting applications including panel and linear, etc, it provides good dimming accuracy down to 1% output, plus a dim-to-off mode with low standby power. The high efficiency of these drivers and slim metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature of both the driver and the external LED array.




Similar Part No. - LUD-060SXXXDSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUD-060SXXXBSF INVENTRONICS-LUD-060SXXXBSF Datasheet
1Mb / 15P
60W Programmable IP20 Driver with DALI
Rev. E
More results


Similar Description - LUD-060SXXXDSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-040SXXXDT2 INVENTRONICS-DS-EBS-040SXXXDT2 Datasheet
748Kb / 12P
40W Class I/II Programmable IP20 Driver
Rev.E
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
DS-EBS-120SXXXDT2 INVENTRONICS-DS-EBS-120SXXXDT2 Datasheet
694Kb / 12P
120W Class I/II Programmable IP20 Driver
Rev.A
DS-EBS-165SXXXDT2 INVENTRONICS-DS-EBS-165SXXXDT2 Datasheet
684Kb / 13P
165W Class I/II Programmable IP20 Driver
Rev.A
LBD-075SXXXBSF INVENTRONICS-LBD-075SXXXBSF Datasheet
1Mb / 11P
75W Programmable IP20 Driver with DALI
Rev. B
LUD-040SXXXDSF INVENTRONICS-LUD-040SXXXDSF Datasheet
622Kb / 13P
40W Programmable IP20 Driver
Rev. H
LUD-040SXXXBSF INVENTRONICS-LUD-040SXXXBSF Datasheet
1Mb / 12P
40W Programmable IP20 Driver with DALI
Rev. E
LUD-060SXXXBSF INVENTRONICS-LUD-060SXXXBSF Datasheet
1Mb / 15P
60W Programmable IP20 Driver with DALI
Rev. E
LUG-025SXXXDTE INVENTRONICS-LUG-025SXXXDTE Datasheet
717Kb / 10P
25W Programmable IP20 Driver
Rev. C
LUG-040SXXXDTE INVENTRONICS-LUG-040SXXXDTE Datasheet
1Mb / 12P
40W Programmable IP20 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com