Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBD-075SXXXBSF Datasheet (PDF) - Inventronics Inc.

LBD-075SXXXBSF Datasheet PDF - Inventronics Inc.
Part # LBD-075SXXXBSF
Download  LBD-075SXXXBSF Download
File Size   1132.79 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP20 Driver with DALI

LBD-075SXXXBSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LBD-075SXXXBSF Datasheet PDF - Inventronics Inc.

Part # LBD-075SXXXBSF
Download  LBD-075SXXXBSF Click to download

File Size   1132.79 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP20 Driver with DALI

LBD-075SXXXBSF Datasheet (HTML) - Inventronics Inc.


LBD-075SXXXBSF Product details

Features
 Dim-to-Off with Standby Power ≤ 0.5 W
 Always-On Auxiliary Power: 12 Vdc, 200 mA
 Thermal Sensing and Protection for LED Module
 Full Power at 70-100% Max Current (Constant Power)
 Flicker-Free
 DALI Dimming Control and Push Dimming Function
 Low Dimming Level to 5%
 Class II, SELV
 Suitable for Built-in Use




Similar Part No. - LBD-075SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Europa PLC
LBD1000 EUROPA-LBD1000 Datasheet
774Kb / 1P
Handles, Shafts and Extended Shafts for Enclosed and Door Interlocked Load Break Switches
LBD10003P EUROPA-LBD10003P Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LBD10003PNLME EUROPA-LBD10003PNLME Datasheet
2Mb / 3P
AC-22 Enclosed Door Interlocked Switch-Disconnector
LBD10003PSN EUROPA-LBD10003PSN Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LBD10003PSNME EUROPA-LBD10003PSNME Datasheet
2Mb / 3P
AC-22 Enclosed Door Interlocked Switch-Disconnector
More results


Similar Description - LBD-075SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
LUD-040SXXXBSF INVENTRONICS-LUD-040SXXXBSF Datasheet
1Mb / 12P
40W Programmable IP20 Driver with DALI
Rev. E
LUD-060SXXXBSF INVENTRONICS-LUD-060SXXXBSF Datasheet
1Mb / 15P
60W Programmable IP20 Driver with DALI
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com