Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUD-040SXXXBSF Datasheet (PDF) - Inventronics Inc.

LUD-040SXXXBSF Datasheet PDF - Inventronics Inc.
Part # LUD-040SXXXBSF
Download  LUD-040SXXXBSF Download
File Size   1142.87 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Programmable IP20 Driver with DALI

LUD-040SXXXBSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUD-040SXXXBSF Datasheet PDF - Inventronics Inc.

Part # LUD-040SXXXBSF
Download  LUD-040SXXXBSF Click to download

File Size   1142.87 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Programmable IP20 Driver with DALI

LUD-040SXXXBSF Datasheet (HTML) - Inventronics Inc.


LUD-040SXXXBSF Product details

Features
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA
Thermal Sensing and Protection for LED Module
Full Power at 50-100% Max Current (Constant Power)
Flicker-Free
Push Dimming / DALI Dimmable
Low Dimming Level to 5%
Suitable for Class I and Class II Luminaires
Suitable for Built-in Use
Class P, UL Listed Versions Available (See Note 4)
5 Years Warranty
Description
The LUD-040SxxxBSF series is a 40W, constant-current, programmable IP20 LED driver that operates from 90-
305 Vac input with excellent power factor. Created for dimmable panel lights and linear lights, it provides good
dimming accuracy down to 5% output, plus a dim-to-off mode with low standby power. The high efficiency of these drivers and slim metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature of both the driver and the external LED array.




Similar Part No. - LUD-040SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUD-040SXXXDSF INVENTRONICS-LUD-040SXXXDSF Datasheet
622Kb / 13P
40W Programmable IP20 Driver
Rev. H
More results


Similar Description - LUD-040SXXXBSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-040SXXXDT2 INVENTRONICS-DS-EBS-040SXXXDT2 Datasheet
748Kb / 12P
40W Class I/II Programmable IP20 Driver
Rev.E
LBD-075SXXXBSF INVENTRONICS-LBD-075SXXXBSF Datasheet
1Mb / 11P
75W Programmable IP20 Driver with DALI
Rev. B
LUD-040SXXXDSF INVENTRONICS-LUD-040SXXXDSF Datasheet
622Kb / 13P
40W Programmable IP20 Driver
Rev. H
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUD-060SXXXBSF INVENTRONICS-LUD-060SXXXBSF Datasheet
1Mb / 15P
60W Programmable IP20 Driver with DALI
Rev. E
LUG-040SXXXDTE INVENTRONICS-LUG-040SXXXDTE Datasheet
1Mb / 12P
40W Programmable IP20 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com