Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-042S035DTM Datasheet (PDF) - Inventronics Inc.

EUC-042S035DTM Datasheet PDF - Inventronics Inc.
Part # EUC-042S035DTM
Download  EUC-042S035DTM Download
File Size   973.18 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

EUC-042S035DTM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-042S035DTM Datasheet PDF - Inventronics Inc.

Part # EUC-042S035DTM
Download  EUC-042S035DTM Click to download

File Size   973.18 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

EUC-042S035DTM Datasheet (HTML) - Inventronics Inc.


EUC-042S035DTM Product details

Features
Ultra High Efficiency (Up to 90%)
Constant Current Output
Surge Protection Level: DM 4kV, CM 6kV
0-10V Dimming Control
Auxiliary High Source Current Capability(200 mA)
Waterproof (IP66) and UL Dry / Damp Location
All-Around Protection: OVP, SCP, OTP
Class 2 & SELV Output
Suitable for EU Built-in Use

Description
The EUC-042SxxxDTM(STM) series is a 42W, constant-current IP66 LED driver in a metal case that operates from 90-305 Vac input with excellent power factor. It is created for many lighting applications including low bay, tunnel and signage, etc. The high efficiency of these drivers and compact metal case enable them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - EUC-042S035DTM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-042S035DS INVENTRONICS-EUC-042S035DS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042S035DVM INVENTRONICS-EUC-042S035DVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results


Similar Description - EUC-042S035DTM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDVM INVENTRONICS-EUC-042SXXXDVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com