Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6001-SC Datasheet (PDF) - Mimix Broadband

CMM6001-SC Datasheet PDF - Mimix Broadband
Part # CMM6001-SC
Download  CMM6001-SC Download
File Size   111.76 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 60 MHz - 3.0 GHz High Dynamic Range Amplifier

CMM6001-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM6001-SC Datasheet PDF - Mimix Broadband

Part # CMM6001-SC
Download  CMM6001-SC Click to download

File Size   111.76 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 60 MHz - 3.0 GHz High Dynamic Range Amplifier

CMM6001-SC Datasheet (HTML) - Mimix Broadband


CMM6001-SC Product details

Description
The CMM6001-SC is a high dynamic range amplifier designed for applications operating within the 0.05 to 3.0 GHz frequency range. It is an ideal solution for transmit and receive functions where high linearity is required. The amplifier has the flexibility of being optimized for a number of wireless applications. The combination of low NF and high IP3 at the same bias point make it an ideal transmit or receive solution when used in applications including cellular and PCS (personal communications service) operating from 0.8 to 2.2 GHz; MMDS (multichannel multipoint distribution systems) operating from 2.2 to 2.7 GHz; and WLAN (wireless LAN) operating at 2.4 GHz.

Features
➤ 0.05 to 3.0 GHz Frequency Range
➤ 37 dBm Output IP3
➤ 2.8 dB Noise Figure
➤ 12.5 dB Gain
➤ 20.5 dBm P1dB
➤ SOT-89 SMT Package, RoHS Compliant
➤ Single Power Supply
➤ +3V to +5V Voltage Rail

Applications
➤ Wireless Local Loop Transmit and Receive
➤ UNH Transmit and Receive
➤ Dual Band 802.11 WLAN
➤ WiMAX
➤ CATV




Similar Part No. - CMM6001-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6001-SC ETC1-CMM6001-SC Datasheet
393Kb / 4P
60MHz TO 3.0GHz HIGH DYNAMIC RANGE AMPLIFIER
logo
Mimix Broadband
CMM6001-SC MIMIX-CMM6001-SC Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6001-SC-0G00 MIMIX-CMM6001-SC-0G00 Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6001-SC-0G0T MIMIX-CMM6001-SC-0G0T Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
More results


Similar Description - CMM6001-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC Datasheet
471Kb / 5P
50-870 MHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
800-2700 MHz High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC_07 Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
0.3-3.0 GHz High Dynamic Range Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com