Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE568A Datasheet (PDF) - NXP Semiconductors

NE568A Datasheet PDF - NXP Semiconductors
Part # NE568A
Download  NE568A Download
File Size   322.7 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 150MHz phase-locked loop

NE568A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE568A Datasheet PDF - NXP Semiconductors

Part # NE568A
Download  NE568A Click to download

File Size   322.7 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 150MHz phase-locked loop

NE568A Datasheet (HTML) - NXP Semiconductors


NE568A Product details

DESCRIPTION
The NE568A is a monolithic phase-locked loop (PLL) which operates from 1Hz to frequencies in excess of 150MHz and features an extended supply voltage range and a lower temperature coefficient of the VCO center frequency in comparison with its predecessor, the NE 568. The NE568A is function and pin-compatible with the NE568, requiring only minor changes in peripheral circuitry (see Figure 3).

FEATURES
• Operation to 150MHz
• High linearity buffered output
• Series or shunt loop filter component capability
• External loop gain control
• Temperature compensated
• ESD protected1

APPLICATIONS
• Satellite receivers
• Fiber optic video links
• VHF FSK demodulators
• Clock Recovery




Similar Part No. - NE568A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE564 ETC2-NE564 Datasheet
5Mb / 16P
LINEAR INTEGRATED CIRCUITS
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
List of Unclassifed Man...
NE564F ETC2-NE564F Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE564N ETC2-NE564N Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE565 ETC1-NE565 Datasheet
348Kb / 6P
Phase-Lock Loop
More results


Similar Description - NE568A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com