Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA882S-IO Datasheet (PDF) - Leadshine Technology Co., Ltd.

DMA882S-IO Datasheet PDF - Leadshine Technology Co., Ltd.
Part # DMA882S-IO
Download  DMA882S-IO Download
File Size   351.49 Kbytes
Page   2 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 30-110VDC or 20-80VAC, 2.1-8.2A peak current, Auto-configuration, Low Noise

DMA882S-IO Datasheet (PDF)

Go To PDF Page Download Datasheet
DMA882S-IO Datasheet PDF - Leadshine Technology Co., Ltd.

Part # DMA882S-IO
Download  DMA882S-IO Click to download

File Size   351.49 Kbytes
Page   2 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 30-110VDC or 20-80VAC, 2.1-8.2A peak current, Auto-configuration, Low Noise

DMA882S-IO Datasheet (HTML) - Leadshine Technology Co., Ltd.


DMA882S-IO Product details

Features
External I/O signal control mode, with 5-24 VDC
DIP switch setting drive’s output current and motor speed
PUL+ and PUL- signals indicate Start and Stop
DIR+ and DIR- signals indicate motor running direction
Alarm output (30V/100mA max)
Matched with NEMA 23, 24, 34, 42 stepper motors
Suitable for long-term constant speed applications




Similar Part No. - DMA882S-IO

ManufacturerPart #DatasheetDescription
logo
Vaisala
DMA801 VAISALA-DMA801 Datasheet
98Kb / 2P
Analog Measurement Module DMA801
logo
IXYS Corporation
DMA80I1600HA IXYS-DMA80I1600HA Datasheet
329Kb / 5P
Single Diode
2021.10.26
logo
Inchange Semiconductor ...
DMA80I1600HA ISC-DMA80I1600HA Datasheet
370Kb / 3P
Standard Rectifier Diode
logo
IXYS Corporation
DMA80IM1600HB IXYS-DMA80IM1600HB Datasheet
329Kb / 5P
Single Diode
2021.10.26
More results


Similar Description - DMA882S-IO

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
Hittite Microwave Corpo...
HMC715LP3 HITTITE-HMC715LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.1 - 2.9 GHz
logo
Analog Devices
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
761Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current
Rev. E
logo
American Electronic Com...
DG38 AEC-DG38 Datasheet
279Kb / 3P
110VDC maximum switching voltage
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
Low side or high side switch configuration
03-Oct-2006
logo
Maxim Integrated Produc...
MAX15303EVKIT1 MAXIM-MAX15303EVKIT1 Datasheet
1Mb / 18P
Pin-Strap or PMBus Configuration
Rev 0; 10/14
MAX15301EVKITHP MAXIM-MAX15301EVKITHP Datasheet
4Mb / 21P
Pin-Strap or PMBus Configuration
Rev 1; 1/15
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
Auto-Configuration Backup and Restore System
logo
Leadshine Technology Co...
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com