Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-D1008 Datasheet (PDF) - Leadshine Technology Co., Ltd.

ES-D1008 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # ES-D1008
Download  ES-D1008 Download
File Size   462.49 Kbytes
Page   10 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning

ES-D1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES-D1008 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # ES-D1008
Download  ES-D1008 Click to download

File Size   462.49 Kbytes
Page   10 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning

ES-D1008 Datasheet (HTML) - Leadshine Technology Co., Ltd.


ES-D1008 Product details

Features
l Step and direction control
l Closed position loop for no loss of movement synchronization
l Operating voltage: 20-70 VAC or 30-100VDC
l Load based output current of 0.5 - 8.2 A
l High torque at starting and low speed
l No torque reservation
l High stiffness at standstill
l Significantly reduced motor heating
l Smooth motor movement and extra low motor noise
l Quick response, no delay and zero settling time
l No loss of steps; no hunting; no overshooting
l Plug-and-play and no tuning

Descriptions
ES-D1008 is one of the models in Leadshine ES-D series easy servo drives which can take 20-70 VAC or 30-100 VDC
operating voltage, and output 0.5 - 8.2 A continuous load-based current. It is capable of driving NEMA 23, 24 and 34
easy servo motors (stepper motors with encoders) with the position loop closed in real time.
Based on latest DSP technology and adopting Leadshine's advanced control algorithm, ES-D1008 easy servo drive
applies servo control on easy servo motors. When adopted with an easy servo motor, it combines features of both
open loop steppers & brushless servo systems, and offers many unique advances features for excellent motion
control system performance.
When an ES-D1008 easy servo drive is implemented with a Leadshine ES-M series easy servo motor, there is No
Configuration Needed for almost all applications. The output resolution from ES-D1008 with the output resolution
defaulted to output resolution of 2,000 pulses per resolution (equal to 10 microstep in 2-phase stepper systems). Via
DIP switches, a user can also easily changes the output resolution to one of 15 output resolutions 800 to 51,200
(equal to 4-256 microstep in 2-phase stepper systems). With Leadshine configuration software, ProTuner, an
advanced user can also set custom settings of resolution, current & position loop parameters, idle current
percentage, etc.

Applications
With many unique advanced features, Leadshine ES-D1008 easy servo systems are ideal for many industries to
upgrade stepper performance or replace brushless servo systems in many applications.
Leadshine OEM clients have successfully implemented ES-D1008 driven easy servo systems in applications such as
small-to-large size CNC routers, CNC mills, plasmas, large-scale laser cutters / engravers, labeling equipments,
robotics, gemstone processing machines, pick & place machines, X-Y tables.




Similar Part No. - ES-D1008

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
ES-D508 LEADSHINE-ES-D508 Datasheet
433Kb / 9P
20-45VDC, 8.0A Peak, Closed-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results


Similar Description - ES-D1008

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
logo
DENSEI-LAMBDA
JWS120P LAMBDA-JWS120P Datasheet
293Kb / 2P
Peak current/Single output 70 ~ 480W
logo
Megawin Technology Co.,...
MG20U202ASC1 MEGAWIN-MG20U202ASC1 Datasheet
249Kb / 10P
Open loop current peak detector
MG39U301ASC1 MEGAWIN-MG39U301ASC1 Datasheet
320Kb / 12P
Open loop current peak detector
logo
Carlo Gavazzi Holding A...
LDDXPA2DU24 CARLOGAVAZZI-LDDXPA2DU24 Datasheet
4Mb / 17P
Loop Detector, DIN Rail Housing, Single or Dual Loop
logo
Leadshine Technology Co...
DMA882S-IO LEADSHINE-DMA882S-IO Datasheet
351Kb / 2P
30-110VDC or 20-80VAC, 2.1-8.2A peak current, Auto-configuration, Low Noise
ES-D508 LEADSHINE-ES-D508 Datasheet
433Kb / 9P
20-45VDC, 8.0A Peak, Closed-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com