Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-D508 Datasheet (PDF) - Leadshine Technology Co., Ltd.

ES-D508 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # ES-D508
Download  ES-D508 Download
File Size   433.18 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 20-45VDC, 8.0A Peak, Closed-loop, No Tuning

ES-D508 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES-D508 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # ES-D508
Download  ES-D508 Click to download

File Size   433.18 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 20-45VDC, 8.0A Peak, Closed-loop, No Tuning

ES-D508 Datasheet (HTML) - Leadshine Technology Co., Ltd.


ES-D508 Product details

Features
Step and direction control
Closed position loop for no loss of movement synchronization
Operating voltage: 20-45 VDC
Load based output current of 0.5 - 8.0 A
High torque at starting and low speed
No torque reservation
High stiffness at standstill
Significantly reduced motor heating
Smooth motor movement and extra low motor noise
Quick response, no delay and zero settling time
No loss of steps; no hunting; no overshooting
Plug-and-play and no tuning

Descriptions
ES-D508 is one of the models in Leadshine ES-D series easy servo drives which can take 20-45 VDC operating voltage
and output 0.5 - 8.0 A continuous load-based current. It is capable of driving NEMA 17, 23, 24 and 34 (1-2 stacks)
easy servo motors (stepper motors with encoders) with the position loop closed in real time.
Based on latest DSP technology and adopting Leadshine's advanced control algorithm, ES-D508 easy servo drive
applies servo control on easy servo motors. When adopted with an easy servo motor, it combines features of both
open loop steppers & brushless servo systems, and offers many unique advances features for excellent motion
control system performance.
When an ES-D508 easy servo drive is implemented with a Leadshine ES-M series easy servo motor, there is No
Configuration Needed for almost all applications. The factory setting of the resolution is 4000 pulses per revolution
(equal to 20 microstep in 2-phase stepper systems). With Leadshine configuration software, ProTuner, an advanced
user can also set custom settings of resolution, current & position loop parameters, idle current percentage, etc.

Applications
With many unique advanced features, Leadshine ES-D508 easy servo systems are ideal for many industries to
upgrade stepper performance or replace brushless servo systems in many applications.
Leadshine OEM clients have successfully implemented ES-D508 driven easy servo systems in applications such as
desktop CNC routers, small CNC mills, laser cutters / engravers, dental mills, electronic assembly & inspection
equipments, labeling equipments, pick & place machines, X-Y tables, scientific instruments.




Similar Part No. - ES-D508

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results


Similar Description - ES-D508

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
logo
Leadshine Technology Co...
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com