Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-D808 Datasheet (PDF) - Leadshine Technology Co., Ltd.

ES-D808 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # ES-D808
Download  ES-D808 Download
File Size   454.35 Kbytes
Page   10 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 24 - 75VDC, 8.2A Peak, Close-loop, No Tuning

ES-D808 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES-D808 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # ES-D808
Download  ES-D808 Click to download

File Size   454.35 Kbytes
Page   10 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 24 - 75VDC, 8.2A Peak, Close-loop, No Tuning

ES-D808 Datasheet (HTML) - Leadshine Technology Co., Ltd.


ES-D808 Product details

Features
Step and direction control
Closed position loop for no loss of movement synchronization
Operating voltage: 20-75 VDC
Load based output current of 0.5 - 8.2 A
High torque at starting and low speed
No torque reservation
High stiffness at standstill
Significantly reduced motor heating
Smooth motor movement and extra low motor noise
Quick response, no delay and zero settling time
No loss of steps; no hunting; no overshooting
Plug-and-play and no tuning

Descriptions
ES-D808 is one of the models in Leadshine ES-D series easy servo drives which can take 20-75 VDC operating voltage
and output 0.5 - 8.2 A continuous load-based current. It is capable of driving NEMA 17, 23, 24 and 34 easy servo
motors (stepper motors with encoders) with the position loop closed in real time.
Based on latest DSP technology and adopting Leadshine's advanced control algorithm, ES-D808 easy servo drive
applies servo control on easy servo motors. When adopted with an easy servo motor, it combines features of both
open loop steppers & brushless servo systems, and offers many unique advances features for excellent motion
control system performance.
When an ES-D808 easy servo drive is implemented with a Leadshine ES-M series easy servo motor, there is No
Configuration Needed for almost all applications. The output resolution from ES-D808 with the output resolution
defaulted to output resolution of 2,000 pulses per resolution (equal to 10 microstep in 2-phase stepper systems). Via
DIP switches, a user can also easily change the output resolution to one of 15 output resolutions 800 to 51,200
(equal to 4-256 microstep in 2-phase stepper systems). With Leadshine configuration software, ProTuner, an
advanced user can also set custom settings of resolution, current & position loop parameters, idle current
percentage, etc.

Applications
With many unique advanced features, Leadshine ES-D808 easy servo systems are ideal for many industries to
upgrade stepper performance or replace brushless servo systems in many applications.
Leadshine OEM clients have successfully implemented ES-D808 driven easy servo systems in applications such as
small-to-large size CNC routers, CNC mills, plasmas, large-scale laser cutters / engravers, labeling equipments,
robotics, gemstone processing machines, pick & place machines, X-Y tables.




Similar Part No. - ES-D808

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D508 LEADSHINE-ES-D508 Datasheet
433Kb / 9P
20-45VDC, 8.0A Peak, Closed-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results


Similar Description - ES-D808

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1786 NTE-NTE1786 Datasheet
39Kb / 5P
Integrated Circuit Frequency Lock Loop (FLL) Tuning & Control Circuit
logo
Glenair, Inc.
38999 GLENAIR-38999 Datasheet
194Kb / 2P
Close-Tolerance Connectors
logo
TOKO, Inc
E528DN-100071 TOKO-E528DN-100071 Datasheet
74Kb / 1P
Close Wound
logo
Megawin Technology Co.,...
MG20U202ASC1 MEGAWIN-MG20U202ASC1 Datasheet
249Kb / 10P
Open loop current peak detector
MG39U301ASC1 MEGAWIN-MG39U301ASC1 Datasheet
320Kb / 12P
Open loop current peak detector
logo
Leadshine Technology Co...
DMA882S-IO LEADSHINE-DMA882S-IO Datasheet
351Kb / 2P
30-110VDC or 20-80VAC, 2.1-8.2A peak current, Auto-configuration, Low Noise
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D508 LEADSHINE-ES-D508 Datasheet
433Kb / 9P
20-45VDC, 8.0A Peak, Closed-loop, No Tuning
ES-DH1208 LEADSHINE-ES-DH1208 Datasheet
399Kb / 13P
70-130VAC, 8.0A Peak, Closed-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com