Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IES-2320 Datasheet (PDF) - Leadshine Technology Co., Ltd.

IES-2320 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # IES-2320
Download  IES-2320 Download
File Size   291.66 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive Encoder, 20-50VDC, NEMA23, 2.0Nm

IES-2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
IES-2320 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # IES-2320
Download  IES-2320 Click to download

File Size   291.66 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive Encoder, 20-50VDC, NEMA23, 2.0Nm

IES-2320 Datasheet (HTML) - Leadshine Technology Co., Ltd.


IES-2320 Product details

Features
Easy servo control technology to combine advantages of open-loop stepper systems and brushless
servo systems
Closed-loop controls to eliminate lose of steps, stall or movement synchronization
Integrated compact size for saving mounting space & setup time, and reducing electrical interference
1000-line integrated optical incremental encoder for accurate position control
High starting torque and quick response
Smooth motor movement with no vibration
Excellent respond time, quick acceleration, and very high high-speed torque (30% over open-loop)
Load-dependent dynamic current output from drive to motor to significantly motor heating deduction
Input voltage from 20 to 50 VDC; 6.0A peak current output from drive to motor
2 Nm (285 oz-in) holding torque stepper motor with NEMA 23 frame size installation
16 micro step resolution options via DIP switches; or any value from 200-51,200 (increased by 1) via
software configuration
Isolated control inputs of Pulse, Direction and Enable
No tuning for plug and play setup
In-position and fault outputs to external motion controllers for complete system controls.
Over voltage, over-current, and position-error protection

Descriptions
Leadshine’s iES-2320 integrated easy servo motor is a NEMA 23 stepper motor integrated with a 1,000-line (4,000
PPR) encoder and an easy servo drive. At very compact size and with all components integrated, the iES-2320 can
save mounting space, eliminate encoder connection & motor wiring time, reduce interference, and cut/reduce cable
and labor costs.
By adopting Leadshine’s latest easy servo control technology, the easy servo drive of the iES-2320 can drive the
stepper motor with high staring torque, high precision, smooth movement, and extra low noise at low speed
movement with no obvious resonance area. Different from constant-output-current output from a drive to a stepper
motor in normal open-loop stepper controls, output current of the iES-2320 is dynamic and changes depending on
load condition, same as servo controls. Therefore, it can significantly reduce motor heating and increase motor
lifetime. The drive takes step & direction input commands, and is capable of outputting in-position and fault signals
back to a motion controller or external devices, for complete system controls.




Similar Part No. - IES-2320

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
IES-2309 LEADSHINE-IES-2309 Datasheet
286Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 0.9Nm
More results


Similar Description - IES-2320

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
PD-113-57-SE TRINAMIC-PD-113-57-SE Datasheet
87Kb / 1P
57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
QSH5718 TRINAMIC-QSH5718 Datasheet
79Kb / 1P
57mm/NEMA23 1.8째 stepangle high torque hybrids tepper motor
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
List of Unclassifed Man...
STM17C-3CE ETC2-STM17C-3CE Datasheet
223Kb / 6P
NEMA 17 Integrated CANopen DriveMotor w/ Encoder
logo
Leadshine Technology Co...
ES-MH LEADSHINE-ES-MH Datasheet
923Kb / 10P
High Voltage Stepper Motor with Encoder, 8 - 20 Nm
IES-1706 LEADSHINE-IES-1706 Datasheet
442Kb / 9P
Motor Drive Encoder, 18‐32VDC, NEMA17, 0.6Nm
IES-2309 LEADSHINE-IES-2309 Datasheet
286Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 0.9Nm
IST-23 LEADSHINE-IST-23 Datasheet
394Kb / 7P
Motor Drive, 18-50VDC, NEMA23, 0.9-2.0Nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com