Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST-23 Datasheet (PDF) - Leadshine Technology Co., Ltd.

IST-23 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # IST-23
Download  IST-23 Download
File Size   394.26 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive, 18-50VDC, NEMA23, 0.9-2.0Nm

IST-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
IST-23 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # IST-23
Download  IST-23 Click to download

File Size   394.26 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive, 18-50VDC, NEMA23, 0.9-2.0Nm

IST-23 Datasheet (HTML) - Leadshine Technology Co., Ltd.


IST-23 Product details

Features
Integrated compact size for saving mounting space & setup time, and reducing electrical interference
Anti-Resonance provides optimal torque and nulls mid-range instability
Motor auto-identification and parameter auto-configuration technology
Multi-Stepping allows a low resolution step input to produce a higher micro step output
Smooth motor movement with no vibration
Input voltage from 18 to 50 VDC (20-36VDC recommended)
Motor current programmable, from 0.5A to 6.0A. It can also be set via DIP switches.
0.9-2.0Nm (126-285oz-in) holding torque stepper motor with NEMA 23 frame size installation
15 micro step resolution options via DIP switches; or any value from 200-51,200 (increased by 1) via software
configuration
Soft-start with no “jump” when powered on
Automatic idle-current reduction (Reduction rate can be software configured)
Isolated control inputs of Pulse, Direction and Enable
Pulse input frequency can be 200K or 500K (Software-configured)
Pulse input mode can be PUL/DIR or CW/CCW (Software-configured)
Fault outputs to external motion controllers for complete system controls.
Over voltage and over-current protection

Descriptions
Leadshine’s iST-23xx integrated stepper is a NEMA 23 stepper motor integrated with an advanced DSP stepper drive.
At very compact size and with all components integrated, the iST-23xx can save mounting space, eliminate motor
wiring time, reduce interference, and cut/reduce cable and labor costs. By adopting Leadshine’s latest current
control technology, the drive of the iST-23xx can drive the stepper motor with high precision, smooth movement,
and extra low noise at low speed movement with no obvious resonance area.
Applications
Leadshine’s iST-23xx can be used in various applications such as laser cutters, laser markers, high precision X-Y tables,
labeling machines, CNC router, etc. Its unique features make the iST-23xx an ideal choice for applications that require
both low-speed smoothness and small mounting space.




Similar Part No. - IST-23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IST-23L12CO10-0 ETC-IST-23L12CO10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-23L12CO10-1 ETC-IST-23L12CO10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-23L12EC10-0 ETC-IST-23L12EC10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-23L12EC10-1 ETC-IST-23L12EC10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-23L16CO10-0 ETC-IST-23L16CO10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
More results


Similar Description - IST-23

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
QSH5718 TRINAMIC-QSH5718 Datasheet
79Kb / 1P
57mm/NEMA23 1.8째 stepangle high torque hybrids tepper motor
QSH5718 TRINAMIC-QSH5718_1 Datasheet
68Kb / 1P
new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
logo
List of Unclassifed Man...
5014-897 ETC2-5014-897 Datasheet
200Kb / 3P
NEMA 14 Step Motor, 0.9 Degree
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
logo
Leadshine Technology Co...
IES-1706 LEADSHINE-IES-1706 Datasheet
442Kb / 9P
Motor Drive Encoder, 18‐32VDC, NEMA17, 0.6Nm
IES-2309 LEADSHINE-IES-2309 Datasheet
286Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 0.9Nm
IES-2320 LEADSHINE-IES-2320 Datasheet
291Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 2.0Nm
IST-17 LEADSHINE-IST-17 Datasheet
349Kb / 8P
Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com