Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IES-1706 Datasheet (PDF) - Leadshine Technology Co., Ltd.

IES-1706 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # IES-1706
Download  IES-1706 Download
File Size   442.24 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive Encoder, 18‐32VDC, NEMA17, 0.6Nm

IES-1706 Datasheet (PDF)

Go To PDF Page Download Datasheet
IES-1706 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # IES-1706
Download  IES-1706 Click to download

File Size   442.24 Kbytes
Page   9 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive Encoder, 18‐32VDC, NEMA17, 0.6Nm

IES-1706 Datasheet (HTML) - Leadshine Technology Co., Ltd.


IES-1706 Product details

Features
 Easy servo control technology to combine advantages of open‐loop stepper systems and brushless
servo systems
 Closed‐loop controls to eliminate lose of steps, stall or movement synchronization
 Integrated compact size for saving mounting space & setup time, and reducing electrical interference
 1000‐line integrated optical incremental encoder for accurate position control
 High starting torque and quick response
 Smooth motor movement with no vibration
 Excellent respond time, quick acceleration, and very high high‐speed torque (30% over open‐loop)
 Load‐dependent dynamic current output from drive to motor to significantly motor heating deduction
 Input voltage from 18 to 32 VDC; 6.0A peak current output from drive to motor
 0.6Nm (85.5 oz‐in) holding torque stepper motor with NEMA 17 frame size installation
 16 micro step resolution options via DIP switches; or any value from 200‐51,200 (increased by 1) via
software configuration
 Isolated control inputs of Pulse, Direction and Enable
 No tuning for plug and play setup
 In‐position and fault outputs to external motion controllers for complete system controls.
 Over voltage, over‐current, and position‐error protection

Descriptions
Leadshine’s iES‐1706 integrated easy servo motor is a NEMA 17 stepper motor integrated with a 1,000‐line (4,000
PPR) encoder and an easy servo drive. At very compact size and with all components integrated, the iES‐1706 can
save mounting space, eliminate encoder connection & motor wiring time, reduce interference, and cut/reduce cable
and labor costs.
By adopting Leadshine’s latest easy servo control technology, the easy servo drive of the iES‐1706 can drive the
stepper motor with high staring torque, high precision, smooth movement, and extra low noise at low speed
movement with no obvious resonance area. Different from constant‐output‐current output from a drive to a stepper
motor in normal open‐loop stepper controls, output current of the iES‐1706 is dynamic and changes depending on
load condition, same as servo controls. Therefore, it can significantly reduce motor heating and increase motor
lifetime. The drive takes step & direction input commands, and is capable of outputting in‐position and fault signals
back to a motion controller or external devices, for complete system controls.




Similar Part No. - IES-1706

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-MM-SC ORING-IES-1041FX-MM-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-SS-SC ORING-IES-1041FX-SS-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1042FX-MM-SC ORING-IES-1042FX-MM-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
More results


Similar Description - IES-1706

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-013-42 TRINAMIC-PD-013-42 Datasheet
252Kb / 1P
42mm / NEMA17 Stepper Motor with Step / DirectionDriver
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
QSH4218 TRINAMIC-QSH4218 Datasheet
158Kb / 1P
42mm/NEMA17 1.8째stepangle high torque hybrid stepper motor
logo
List of Unclassifed Man...
STM17C-3CE ETC2-STM17C-3CE Datasheet
223Kb / 6P
NEMA 17 Integrated CANopen DriveMotor w/ Encoder
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
18-BIT OPTO ENCODER
logo
Leadshine Technology Co...
IES-2309 LEADSHINE-IES-2309 Datasheet
286Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 0.9Nm
IES-2320 LEADSHINE-IES-2320 Datasheet
291Kb / 9P
Motor Drive Encoder, 20-50VDC, NEMA23, 2.0Nm
IST-17 LEADSHINE-IST-17 Datasheet
349Kb / 8P
Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm
IST-23 LEADSHINE-IST-23 Datasheet
394Kb / 7P
Motor Drive, 18-50VDC, NEMA23, 0.9-2.0Nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com