Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST-17 Datasheet (PDF) - Leadshine Technology Co., Ltd.

IST-17 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # IST-17
Download  IST-17 Download
File Size   349.01 Kbytes
Page   8 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm

IST-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
IST-17 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # IST-17
Download  IST-17 Click to download

File Size   349.01 Kbytes
Page   8 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm

IST-17 Datasheet (HTML) - Leadshine Technology Co., Ltd.


IST-17 Product details

Features
Integrated compact size for saving mounting space & setup time, and reducing electrical interference
Anti-Resonance provides optimal torque and nulls mid-range instability
Motor auto-identification and parameter auto-configuration technology
Multi-Stepping allows a low resolution step input to produce a higher microstep output
Smooth motor movement with no vibration
Input voltage from 18 to 38 VDC (20-24VDC recommended)
Motor current programmable, from 0.5A to 3.0A.
0.3-0.6 Nm (42-84 oz-in) holding torque stepper motor with NEMA 17 frame size installation
15 micro step resolution options via DIP switches; or any value from 200-102,400 (increased by 1) via software
configuration
Soft-start with no “jump” when powered on
Automatic idle-current reduction (Reduction rate can be software configured)
Isolated control inputs of Pulse, Direction and Enable
Pulse input frequency can be 200K or 500K (Software-configured)
Pulse input mode can be PUL/DIR or CW/CCW (Software-configured)
Fault outputs to external motion controllers for complete system controls.
Over voltage and over-current protection

Descriptions
Leadshine’s iST-17xx integrated stepper is a NEMA 17 stepper motor integrated with an advanced DSP stepper drive.
At very compact size and with all components integrated, the iST-17xx can save mounting space, eliminate motor
wiring time, reduce interference, and cut/reduce cable and labor costs. By adopting Leadshine’s latest current
control technology, the drive of the iST-17xx can drive the stepper motor with high precision, smooth movement,
and extra low noise at low speed movement with no obvious resonance area.

Applications
Leadshine’s iST-17xx can be used in various applications such as laser cutters, laser markers, high precision X-Y tables,
labeling machines, CNC router, etc. Its unique features make the iST-17xx an ideal choice for applications that require
both low-speed smoothness and small mounting space.




Similar Part No. - IST-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IST-17L12CO10-0 ETC-IST-17L12CO10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12CO10-1 ETC-IST-17L12CO10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12EC10-0 ETC-IST-17L12EC10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12EC10-1 ETC-IST-17L12EC10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L16CO10-0 ETC-IST-17L16CO10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
More results


Similar Description - IST-17

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-013-42 TRINAMIC-PD-013-42 Datasheet
252Kb / 1P
42mm / NEMA17 Stepper Motor with Step / DirectionDriver
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
QSH4218 TRINAMIC-QSH4218 Datasheet
158Kb / 1P
42mm/NEMA17 1.8째stepangle high torque hybrid stepper motor
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
Motor drive circuit
logo
Leadshine Technology Co...
IES-1706 LEADSHINE-IES-1706 Datasheet
442Kb / 9P
Motor Drive Encoder, 18‐32VDC, NEMA17, 0.6Nm
IST-23 LEADSHINE-IST-23 Datasheet
394Kb / 7P
Motor Drive, 18-50VDC, NEMA23, 0.9-2.0Nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com