Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

135D Datasheet (PDF) - Vishay Siliconix

135D Datasheet PDF - Vishay Siliconix
Part # 135D
Download  135D Download
File Size   108.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation

135D Datasheet (PDF)

Go To PDF Page Download Datasheet
135D Datasheet PDF - Vishay Siliconix

Part # 135D
Download  135D Click to download

File Size   108.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation

135D Datasheet (HTML) - Vishay Siliconix


135D Product details

FEATURES

• Axial through-hole terminations: Standard tin/lead (SnPb), 100 % tin (RoHS compliant) available

• Standard and extended ratings

• Model 135D tantalum-case electrolytic capacitors incorporate the advantages of all the varieties of electrolytic capacitors and eliminate most of the disadvantages. These units have a 3 V reverse voltage capability at + 85 °C and a higher ripple current capability than any other electrolytic type with similar combinations of capacitance and case size.

• Designed for the aerospace applications, this capacitor was developed under partial sponsorship of the Marshall Space Flight Center, National Aeronautics and Space Administration. The capacitors have a high resistance to damage from shock and vibration. Extended range ratings and high temperature designs are available.

• Model 135D capacitors are commercial equivalents of Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style; TLT, TXT, THT, THX and Military Style CLR79 and CLR81, designed to meet the performance requirements of Military Specification MIL-PRF-39006/22/25. Capacitors to meet MIL-PRF- 39006/22/25 should be ordered by part numbers shown in that specification.

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



 




Similar Part No. - 135D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
135D106X0025C2 VISHAY-135D106X0025C2 Datasheet
78Kb / 5P
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
15-Jan-01
135D106X0025C2 VISHAY-135D106X0025C2 Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
135D106X0025C2 VISHAY-135D106X0025C2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D106X0025C2 VISHAY-135D106X0025C2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
More results


Similar Description - 135D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
735D VISHAY-735D Datasheet
136Kb / 9P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
17-Oct-03
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com