Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE160 Datasheet (PDF) - Deep Sea Electronics

DSE160 Datasheet PDF - Deep Sea Electronics
Part # DSE160
Download  DSE160 Download
File Size   553.77 Kbytes
Page   2 Pages
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics
Description SELF SEEKING POWER SUPPLY

DSE160 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSE160 Datasheet PDF - Deep Sea Electronics

Part # DSE160
Download  DSE160 Click to download

File Size   553.77 Kbytes
Page   2 Pages
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics
Description SELF SEEKING POWER SUPPLY

DSE160 Datasheet (HTML) - Deep Sea Electronics


DSE160 Product details

FEATURES
The DSE160 is a self-seeking
power supply designed to work
with DSE300 Series Auto Transfer
Switch Controllers.
The module can be supplied from
mains (utility), generator or battery
and provides a power supply
output for ATS controllers.
The module will provide DC power
to the modules and when the
mains/utility power is lost, will
automatically switch to providing
power from either the generator or
battery.
The module is housed within a
sleek plastic casing for DIN rail or
chassis mounting and incorporates
3 red LEDs to show the system
status.
With short circuit protection, the
module offers many features and is
available in 12 V and 24 V options.




Similar Part No. - DSE160

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DSE112 OSRAM-DSE112 Datasheet
225Kb / 7P
DULUX S/E 11 W/827
August 25, 2014
DSE114 OSRAM-DSE114 Datasheet
226Kb / 7P
DULUX S/E 11 W/840
August 25, 2014
logo
Dubilier
DSE1206C101JN DUBILIER-DSE1206C101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206C103JN DUBILIER-DSE1206C103JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206C104JN DUBILIER-DSE1206C104JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results


Similar Description - DSE160

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
logo
NXP Semiconductors
TDA8385 PHILIPS-TDA8385 Datasheet
199Kb / 21P
Control circuit for a Self-Oscillating Power Supply SOPS
March 1994
logo
Maxim Integrated Produc...
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
MAX1205 MAXIM-MAX1205 Datasheet
127Kb / 12P
5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
19-4794; Rev 0; 11/98
logo
Omron Electronics LLC
H7EC OMRON-H7EC Datasheet
143Kb / 5P
Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
Self Leaded Power Inductors
logo
EPCOS
B59201J0140B010 EPCOS-B59201J0140B010 Datasheet
247Kb / 7P
Self-protecting power resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com