Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1906239 Datasheet (PDF) - PHOENIX CONTACT

1906239 Datasheet PDF - PHOENIX CONTACT
Part # 1906239
Download  1906239 Download
File Size   234.3 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08-11 - PCB terminal block

1906239 Datasheet (PDF)

Go To PDF Page Download Datasheet
1906239 Datasheet PDF - PHOENIX CONTACT

Part # 1906239
Download  1906239 Click to download

File Size   234.3 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08-11 - PCB terminal block

1906239 Datasheet (HTML) - PHOENIX CONTACT


1906239 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: ZFKDS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1906239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
logo
OSA Opto Light GmbH
190622 OSA-190622 Datasheet
53Kb / 1P
GaAsP / GaP LED Chips
logo
PHOENIX CONTACT
1906226 PHOENIX-1906226 Datasheet
242Kb / 8P
ZFKDSA 1,5-5,08-10 - PCB terminal block
1906268 PHOENIX-1906268 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 4
1906297 PHOENIX-1906297 Datasheet
98Kb / 4P
PCB terminal block - ZFKDSA 1,5-7,62- 6
More results


Similar Description - 1906239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1891250 PHOENIX-1891250 Datasheet
91Kb / 3P
PCB terminal block - ZFKDSA 1,5-5,08- 8
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1891519 PHOENIX-1891519 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 2
09/12/2020
1905971 PHOENIX-1905971 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 6
09/12/2020
1905984 PHOENIX-1905984 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08-12
09/12/2020
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1891247 PHOENIX-1891247 Datasheet
240Kb / 8P
ZFKDSA 1,5-5,08-18 - PCB terminal block
1931123 PHOENIX-1931123 Datasheet
239Kb / 8P
ZFKDSA 1,5-5,08-24 - PCB terminal block
1906226 PHOENIX-1906226 Datasheet
242Kb / 8P
ZFKDSA 1,5-5,08-10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com