Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5SS128K36 Datasheet (PDF) - Austin Semiconductor

AS5SS128K36 Datasheet PDF - Austin Semiconductor
Part # AS5SS128K36
Download  AS5SS128K36 Download
File Size   144.47 Kbytes
Page   16 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT

AS5SS128K36 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5SS128K36 Datasheet PDF - Austin Semiconductor

Part # AS5SS128K36
Download  AS5SS128K36 Click to download

File Size   144.47 Kbytes
Page   16 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT

AS5SS128K36 Datasheet (HTML) - Austin Semiconductor


AS5SS128K36 Product details

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. Zero Bus Latency SRAM family employs high-speed, low-power CMOS designs using an advanced CMOS process.

FEATURES
• High frequency and 100% bus utilization
• Fast cycle times: 11ns & 12ns
• Single +3.3V +5% power supply (VDD)
• Advanced control logic for minimum control signal interface
• Individual BYTE WRITE controls may be tied LOW
• Single R/W (READ/WRITE) control pin
• CKE pin to enable clock and suspend operations
• Three chip enables for simple depth expansion
• Clock-controlled and registered addresses, data I/Os and control signals
• Internally self-timed, fully coherent WRITE
• Internally self-timed, registered outputs to eliminate the need to control OE
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Linear or Interleaved Burst Modes
• Burst feature (optional)
• Pin/function compatibility with 2Mb, 8Mb, and 16Mb ZBL SRAM
• Automatic power-down




Similar Part No. - AS5SS128K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Micross Components
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
Interally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results


Similar Description - AS5SS128K36

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
512K x 36 SSRAM Flow-Through SRAM No Bus Latency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com