Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT641T Datasheet (PDF) - ATMEL Corporation

MXT641T Datasheet PDF - ATMEL Corporation
Part # MXT641T
Download  MXT641T Download
File Size   885.61 Kbytes
Page   74 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description maXTouch 640-node Touchscreen Controller

MXT641T Datasheet (PDF)

Go To PDF Page Download Datasheet
MXT641T Datasheet PDF - ATMEL Corporation

Part # MXT641T
Download  MXT641T Click to download

File Size   885.61 Kbytes
Page   74 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description maXTouch 640-node Touchscreen Controller

MXT641T Datasheet (HTML) - ATMEL Corporation


MXT641T Product details

Features
 Atmel® maXTouch® Adaptive Sensing Touchscreen Technology
 Up to 32 X (transmit) lines and 20 Y (receive) lines
 A maximum of 640 nodes can be allocated to the touchscreen
 Multi-touch support with up to 16 concurrent touches tracked in real time
 Dual-boot OS support for Windows and Android
 Advanced Touch Handling
 Moisture/Water Compensation
 No false touch with condensation or water drop up to 22 mm diameter
 One-finger tracking with condensation or water drop up to 22 mm diameter
 Hover Support
 Supports one-finger hover up to 25 mm detection and 20 mm tracking range
 Glove Support
 Supports multiple-finger glove touch up to 1.5 mm thickness
 Supports single-touch gloved operation with various materials up to 5 mm
thickness
 Touch Performance
 Mutual capacitance and self capacitance measurements supported for touch
detection
 Response Times
 Initial latency <10 ms for first touch from idle, subject to configuration
 Atmel maXCharger® technology to combat ambient, charger noise, and power-line
noise:
 Up to 240 Vpp between 1 Hz and 1 kHz sinusoidal waveform
 Up to 20 Vpp between 1 kHz and 1 MHz sinusoidal waveform
 Scan Speed
 Typical report rate for 10 touches 60 Hz
 Enhanced Algorithms
 Lens bending algorithms to remove signal distortions
 Touch suppression algorithms to remove unintentional touches
 Palm Recovery Algorithm for quick restoration to normal state




Similar Part No. - MXT641T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
More results


Similar Description - MXT641T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MXT224 ATMEL-MXT224 Datasheet
150Kb / 12P
maXTouch 224-channel Touchscreen Sensor IC
logo
List of Unclassifed Man...
IQS550 ETC2-IQS550 Datasheet
4Mb / 80P
Capacitive Trackpad/Touchscreen Controller
GSL1680 ETC2-GSL1680 Datasheet
1Mb / 23P
Capacitive Touchscreen Controller
logo
Microchip Technology
MXT1664T3 MICROCHIP-MXT1664T3 Datasheet
1Mb / 98P
maXTouch 1664-node Touchscreen Controller
2018
MXT2912TD-AXUW MICROCHIP-MXT2912TD-AXUW Datasheet
136Kb / 12P
maXTouch 2911-node Touchscreen Controller Product Brief
Revision A March 2021
MXT448UD-CCUBHA1 MICROCHIP-MXT448UD-CCUBHA1 Datasheet
655Kb / 76P
maXTouch 448-node Touchscreen Controller
Rev A September 2021
MXT640UD-CCU001 MICROCHIP-MXT640UD-CCU001 Datasheet
600Kb / 74P
maXTouch 640-node Touchscreen Controller
Revision A June 2021
MXT640UD-CCUBHA1 MICROCHIP-MXT640UD-CCUBHA1 Datasheet
654Kb / 76P
maXTouch 640-node Touchscreen Controller
Rev A September 2021
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com