Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT641T Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 2 Page - ATMEL Corporation

  MXT641T Datasheet HTML 1Page - ATMEL Corporation MXT641T Datasheet HTML 2Page - ATMEL Corporation MXT641T Datasheet HTML 3Page - ATMEL Corporation MXT641T Datasheet HTML 4Page - ATMEL Corporation MXT641T Datasheet HTML 5Page - ATMEL Corporation MXT641T Datasheet HTML 6Page - ATMEL Corporation MXT641T Datasheet HTML 7Page - ATMEL Corporation MXT641T Datasheet HTML 8Page - ATMEL Corporation MXT641T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
2
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
Features
 Panel / Cover Glass Support
 Supports fully-laminated sensors, touch-on-lens stack-ups and on-cell designs
 Works with PET or glass, including curved profiles
 Glass from 0.55 mm to 2.5 mm, dependent on screen size and touch size
 Plastic from 0.2 mm to 1.2 mm, dependent on screen size and touch size
 Works with all proprietary sensor patterns recommended by Atmel
 Compatible with True Single Layer designs
 Keys
 Up to 32 nodes can be allocated as mutual capacitance sensor keys (subject to other configurations)
 Adjacent Key Suppression® (AKS®) technology is supported for false touch prevention
Power Saving
 Programmable timeout for automatic transition from active to idle states
 Pipelined analog sensing detection and digital processing to optimize system power efficiency
 Application Interfaces
 I2C-compatible slave mode: Standard/Fast mode 400 kHz, Fast-plus mode 1 MHz, High-speed mode up to 3.4 MHz
 HID-I2C interface for Microsoft® Windows® 8.x
 Interrupt to indicate when a message is available
 Power Supply
 Digital (Vdd) 3.3 V nominal
 Analog (AVdd) 3.3 V nominal
 Host interface I/O voltage (VddIO) 1.8 V to 3.3 V nominal
 High voltage internal X line drive (XVdd) = 2 × Vdd (6.6 V), with internal voltage doubler
 Packages
 84-ball UFBGA 6 × 6 × 0.6 mm, 0.5 mm pitch
 84-ball XFLGA 6 × 6 × 0.5 mm, 0.5 mm pitch
 Environmental Conditions
 Operating temperature –40
C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com