Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT641T Datasheet(PDF) 20 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 16Page - ATMEL Corporation MXT641T Datasheet HTML 17Page - ATMEL Corporation MXT641T Datasheet HTML 18Page - ATMEL Corporation MXT641T Datasheet HTML 19Page - ATMEL Corporation MXT641T Datasheet HTML 20Page - ATMEL Corporation MXT641T Datasheet HTML 21Page - ATMEL Corporation MXT641T Datasheet HTML 22Page - ATMEL Corporation MXT641T Datasheet HTML 23Page - ATMEL Corporation MXT641T Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
20
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
Sensor Layout
6.
Sensor Layout
The specific electrode designs used in Atmel touchscreens are the subject of various patents and patent applications.
Further information is available on request.
The physical matrix can be configured to have one or more touch objects. These are configured using the appropriate
touch objects (Multiple Touch Touchscreen and Key Array). It is not mandatory to have all the allowable touch objects
present. The objects are disabled by default so only those that you wish to use need to be enabled. Refer to the
mXT641T 1.0 Protocol Guide for more information on configuring the touch objects.
The device supports various configurations of electrodes as summarized below:
Touchscreen: 32 X × 20 Y maximum (subject to other configurations)
Keys: Up to 32 keys in an X/Y grid
When designing the physical layout of the touch panel, obey the following rules:
Each touch object should be a regular rectangular shape in terms of the lines it uses.
The touch objects cannot share X and Y lines
It is recommended that the touchscreen should start at X0, Y0; if self-capacitance measurements are enabled, the
touchscreen must start at X0, Y0
It is recommended that the keys should occupy the highest X and Y lines
For optimal performance in terms of cycle time overhead, it is recommended that the number of X (drive) lines used is
kept to the minimum and designs should favor using Y lines where possible. Figure 6-1 shows an example layout for
1 X × 4 Y lines. Note that in this case using 1 X × 4 Y lines would give better performance than using 4 X × 1 Y lines.
Figure 6-1. Example Layout – Optimal Cycle Time
Y0
X0
X30
X31
Y19
Y16
Y15
Multiple Touch
touchscreen
(31 X × 16 Y)
Keys
1 X × 4 Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com