Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT641T Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 9Page - ATMEL Corporation MXT641T Datasheet HTML 10Page - ATMEL Corporation MXT641T Datasheet HTML 11Page - ATMEL Corporation MXT641T Datasheet HTML 12Page - ATMEL Corporation MXT641T Datasheet HTML 13Page - ATMEL Corporation MXT641T Datasheet HTML 14Page - ATMEL Corporation MXT641T Datasheet HTML 15Page - ATMEL Corporation MXT641T Datasheet HTML 16Page - ATMEL Corporation MXT641T Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
13
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
Schematic
3.1
Schematic Notes
CAUTION: The device may be permanently damaged if any XVDD pin is shorted to ground or high current is
drawn from it.
3.1.1
Decoupling capacitors:
1.
Decoupling capacitors must be X7R or X5R and placed <5 mm away from the pins for which they act as bypass
capacitors.
2.
The schematics show the minimum capacitors required. If the ball configuration means that sharing a bypass
capacitor is not possible, then the number of capacitors should be increased.
3.
If the device is placed on the system board, the minimum number of capacitors required is as shown in the
schematic on page 12. Note that this requires that the voltage regulator supplies for AVDD/VDD and VDDIO are
clean and noise free. It also assumes that the track length between the capacitors and on-board power supplies is
< 50 mm.
4.
If an active tail design is used, the voltage regulators are likely to be some distance from the device and it may be
necessary to implement additional decoupling. In this case, a parallel combination of capacitors is recommended
to give high and low frequency filtering, as shown in Figure 3-1.
Figure 3-1. Additional Recommended Decoupling Capacitors
3.1.2
VDDCORE
VDDCore is internally generated from the Vdd 3.3 V power supply. To guarantee stability of the internal voltage regulator,
a minimum value of 1 µF must be used for decoupling on VDDCORE.
3.1.3
RESET Line
The RESET line is shown on the schematics with a 10 nF capacitor (Creset) to ground. This capacitor is optional but may
help if ESD issues are encountered.
GND
GND
22 nF
2.2 µF
AVDD
VDD
VDDIO
2.2 µF
22 nF
22 nF
1 µF
22 nF
NOTE: Recommended additional decoupling capacitors are shown in blue
22 nF
2.2 µF
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com