Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2525 Datasheet (PDF) - OSRAM GmbH

E2525 Datasheet PDF - OSRAM GmbH
Part # E2525
Download  E2525 Download
File Size   2169.75 Kbytes
Page   30 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for intra-glass displays.

E2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
E2525 Datasheet PDF - OSRAM GmbH

Part # E2525
Download  E2525 Click to download

File Size   2169.75 Kbytes
Page   30 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for intra-glass displays.

E2525 Datasheet (HTML) - OSRAM GmbH


E2525 Product details

Features
- Package: SMD epoxy package, colorless diffused resin
- Chip technology: InGaAlP on Sapphire / InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red); λdom = 528 nm (● true green); λdom = 471 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)





Similar Part No. - E2525

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
E2520KV COMPUTAR-E2520KV Datasheet
48Kb / 1P
f = 25.0mm F2.0 3 Megapixel lens for 1/1.8 type Format Board Cameras, No Iris
2009.3
logo
General Cable Technolog...
E2522S GENERAL-E2522S Datasheet
73Kb / 1P
2C 16 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2524S GENERAL-E2524S Datasheet
73Kb / 1P
4C 16 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results


Similar Description - E2525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6JK8 ETC2-6JK8 Datasheet
118Kb / 2P
DISSIMILAR DUO TRIODES DESIGNED ESPECIALLY FOR FM TUNERS
logo
JMK Inc.
HH-1199-6D JMK-HH-1199-6D Datasheet
204Kb / 1P
This filter was designed especially for power supply modules with power factor correction.
logo
Taiwan Memory Technolog...
T6505A TMT-T6505A Datasheet
189Kb / 2P
T6505A is designed for LED displays.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
Ledil, Inc.
F12985 LEDIL-F12985 Datasheet
2Mb / 6P
~4.9째 spot beam especially designed for mining headlamps
FCN13595 LEDIL-FCN13595 Datasheet
5Mb / 11P
~4.9째 spot beam especially designed for mining headlamps.
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
LTRBR37G AMSCO-LTRBR37G Datasheet
2Mb / 32P
This device was designed for low profile consumer applications.
Version 1.3 2022-05-05
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com