Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7455 Datasheet (PDF) - List of Unclassifed Manufacturers

MMA7455 Datasheet PDF - List of Unclassifed Manufacturers
Part # MMA7455
Download  MMA7455 Download
File Size   732.0 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MMA7455 3-Axis Accelerometer Module (#28526)

MMA7455 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA7455 Datasheet PDF - List of Unclassifed Manufacturers

Part # MMA7455
Download  MMA7455 Click to download

File Size   732.0 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MMA7455 3-Axis Accelerometer Module (#28526)

MMA7455 Datasheet (HTML) - List of Unclassifed Manufacturers


MMA7455 Product details

General Description
The Freescale Semiconductor MMA7455L 3-Axis
Digital Output Accelerometer is a low power,
micro-machined sensor capable of measuring
acceleration along its X, Y, and Z axes. It
offers several convenient integrated features
including an analog to digital converter (ADC),
digital low-pass filter, and selectable sensitivity
ranges of ±2g, ±4g, or ±8g. This device can
be easily configured to detect quick motion
pulses as single-taps, double-taps, and 0g
(free-fall) conditions on any or all axes and
provides configurable interrupt pins (INT1 and
INT2) for each type of event.
Flexibility and compatibility are designed into
this module. An on-board voltage regulator
and I/O voltage level-shifters make this module
especially easy to connect to virtually any
microcontroller. It operates over a wide range
of supply voltages from 2.5 VDC to 5.5 VDC and
communicates via Serial Peripheral Interface
(SPI) or Inter-Integrated Circuit (I2C) bus.

Features
• Wide input voltage range
• Digital output (SPI/I2C)
• Selectable sensitivity: 8-bit mode
(±2g/±4g/±8g) or 10-bit mode (±8g)
• User-configurable interrupts (INT1/INT2)
• User-settable registers for calibrating
each axis
• Low current operation
• Compact, 8-pin DIP breadboard-friendly
package: 0.5” x 0.6” (12.7 x 15.2 mm)
Application Ideas
• Inertial measurement units
• Tilt sensing for remote control systems
• Single-tap or double-tap user input
• Multi-axis vibration measurement
• Free-fall detection
• Motion sensing and data logging
• Model airplane flight stabilization




Similar Part No. - MMA7455

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L Datasheet
504Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L Datasheet
516Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
logo
Freescale Semiconductor...
MMA7455LR1 FREESCALE-MMA7455LR1 Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
More results


Similar Description - MMA7455

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
Sensor module:3-axis accelerometer and 3-axis magnetometer
11-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
List of Unclassifed Man...
GY-61 ETC-GY-61 Datasheet
109Kb / 2P
ADXL335 3-Axis Accelerometer Module
logo
MEMSIC Semiconductor (T...
MC3672 MEMSIC-MC3672 Datasheet
1Mb / 83P
3-Axis Accelerometer
APS-045-0018 v1.4
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com