Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105MU Datasheet (PDF) - NXP Semiconductors

PCF2105MU Datasheet PDF - NXP Semiconductors
Part # PCF2105MU
Download  PCF2105MU Download
File Size   289.01 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD controller/driver

PCF2105MU Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2105MU Datasheet PDF - NXP Semiconductors

Part # PCF2105MU
Download  PCF2105MU Click to download

File Size   289.01 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD controller/driver

PCF2105MU Datasheet (HTML) - NXP Semiconductors


PCF2105MU Product details

GENERAL DESCRIPTION

The PCF2105 integrated circuit is similar to the PCF2114x (described in the “PCF2116 family” data sheet) but does not contain the high voltage generator of that device.

Furthermore, a fast I2C-bus interface (400 kHz) is provided.

The PCF2105 is optimized for chip-on-glass applications.



FEATURES

• Single chip Liquid Crystal Display (LCD) controller/driver

• 1 or 2-line display of up to 24 characters per line, or 2 or 4-line display of up to 12 characters per line

• 5 × 7 character format plus cursor; 5 × 8 for kana (Japanese syllabary) and user-defined symbols

• On-chip generation of intermediate LCD bias voltages

• On-chip oscillator requires no external components (external clock also possible)

• Display data RAM: 80 characters

• Character generator ROM: 240 characters

• Character generator RAM: 16 characters

• 4 or 8-bit parallel bus or 2-wire I2C-bus interface (400 kHz)

• CMOS and TTL compatible

• 32 row, 60 column outputs

• Multiplex (MUX) rates 1 : 32 and 1 : 16

• Uses common 11-code instruction set

• Logic supply voltage range: VDD − VSS = 2.5 to 6 V

• Display supply voltage range: VDD − VLCD = 3.5 to 9 V

• Low power consumption

• I2C-bus address selection (SA0): 011101.



APPLICATIONS

• Telecom equipment

• Portable instruments

• Point-of-sale terminals.



 




Similar Part No. - PCF2105MU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
More results


Similar Description - PCF2105MU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
LCD Controller/Driver
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
LCD Controller/Driver?
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
LCD Controller-Driver
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
LCD Controller-Driver
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
LCD Controller-Driver
S-4562A SII-S-4562A Datasheet
937Kb / 14P
LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
LCD Controller/Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
LCD controller/driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
LCD Controller Driver
logo
Generalplus Technology ...
GPL10B GENERALPLUS-GPL10B Datasheet
366Kb / 23P
7KB LCD Controller/Driver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com