Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105MU Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2105MU Datasheet HTML 1Page - NXP Semiconductors PCF2105MU Datasheet HTML 2Page - NXP Semiconductors PCF2105MU Datasheet HTML 3Page - NXP Semiconductors PCF2105MU Datasheet HTML 4Page - NXP Semiconductors PCF2105MU Datasheet HTML 5Page - NXP Semiconductors PCF2105MU Datasheet HTML 6Page - NXP Semiconductors PCF2105MU Datasheet HTML 7Page - NXP Semiconductors PCF2105MU Datasheet HTML 8Page - NXP Semiconductors PCF2105MU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1998 Jul 30
3
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
1
FEATURES
• Single chip Liquid Crystal Display (LCD) controller/driver
• 1 or 2-line display of up to 24 characters per line, or
2 or 4-line display of up to 12 characters per line
• 5 × 7 character format plus cursor; 5 × 8 for kana
(Japanese syllabary) and user-defined symbols
• On-chip generation of intermediate LCD bias voltages
• On-chip oscillator requires no external components
(external clock also possible)
• Display data RAM: 80 characters
• Character generator ROM: 240 characters
• Character generator RAM: 16 characters
• 4 or 8-bit parallel bus or 2-wire I2C-bus interface
(400 kHz)
• CMOS and TTL compatible
• 32 row, 60 column outputs
• Multiplex (MUX) rates 1 : 32 and 1 : 16
• Uses common 11-code instruction set
• Logic supply voltage range: VDD − VSS = 2.5 to 6 V
• Display supply voltage range: VDD − VLCD = 3.5 to 9 V
• Low power consumption
• I2C-bus address selection (SA0): 011101.
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point-of-sale terminals.
3
GENERAL DESCRIPTION
The PCF2105 integrated circuit is similar to the PCF2114x
(described in the
“PCF2116 family” data sheet) but does
not contain the high voltage generator of that device.
Furthermore, a fast I2C-bus interface (400 kHz) is
provided.
The PCF2105 is optimized for chip-on-glass applications.
A specific letter code ‘M’ for a character set is programmed
in the Character Generator ROM (CGROM) (see Fig.5).
The PCF2105 is a low power CMOS LCD controller/driver,
designed to drive a split screen dot matrix LCD of
1 or 2 lines by 24 characters or 2 or 4 lines by
12 characters with a 5
× 8 dot format. All necessary
functions for the display are provided in a single chip,
including on-chip generation of LCD bias voltages which
results in a minimum of external components and lower
system power consumption. To allow partial VDD shutdown
the ESD protection system of the SCL and SDA pads does
not use a diode connected to VDD.
The chip contains a character generator and displays
alphanumeric and kana characters. The PCF2105
interfaces to most microcontrollers via a 4 or 8-bit parallel
bus, or via the 2-wire I2C-bus.
3.1
Packages
• PCF2105MU/2: chip with bumps in tray.
3.2
Available types
• PCF2105MU/2: character set ‘M’ in CGROM.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF2105MU/2
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com