Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105MU Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 28Page - NXP Semiconductors PCF2105MU Datasheet HTML 29Page - NXP Semiconductors PCF2105MU Datasheet HTML 30Page - NXP Semiconductors PCF2105MU Datasheet HTML 31Page - NXP Semiconductors PCF2105MU Datasheet HTML 32Page - NXP Semiconductors PCF2105MU Datasheet HTML 33Page - NXP Semiconductors PCF2105MU Datasheet HTML 34Page - NXP Semiconductors PCF2105MU Datasheet HTML 35Page - NXP Semiconductors PCF2105MU Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
1998 Jul 30
32
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
17 APPLICATION INFORMATION
Fig.26 Direct connection to 8-bit microcontroller; 8-bit bus.
handbook, 4 columns
MGK853
PCF2105
DB0 to DB7
E
RS
R/W
8
32
R1 to R32
C1 to C60
60
P20
P21
P22
P10 to P17
P80CL51
to
LCD
Fig.27 Direct connection to 8-bit microcontroller; 4-bit bus.
handbook, 4 columns
MGK854
PCF2105
DB4 to DB7
E
RS
R/W
4
32
R1 to R32
C1 to C60
60
P10
P11
P12
P14 to P17
P80CL51
to
LCD
Fig.28 Typical application using parallel interface.
handbook, full pagewidth
MGK855
VSS
VSS
VLCD
VLCD
VDD
VDD
100 nF
DB0 to DB7 E
RS R/W
2 x 24-CHARACTER
LCD DISPLAY
(SPLIT SCREEN)
16
C1 to C60
60
8
60
60
16
OSC
100
nF
R7 to R16
R25 to R32
R1 to R8
R17 to R24
PCF2105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com