Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105MU Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 15Page - NXP Semiconductors PCF2105MU Datasheet HTML 16Page - NXP Semiconductors PCF2105MU Datasheet HTML 17Page - NXP Semiconductors PCF2105MU Datasheet HTML 18Page - NXP Semiconductors PCF2105MU Datasheet HTML 19Page - NXP Semiconductors PCF2105MU Datasheet HTML 20Page - NXP Semiconductors PCF2105MU Datasheet HTML 21Page - NXP Semiconductors PCF2105MU Datasheet HTML 22Page - NXP Semiconductors PCF2105MU Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
1998 Jul 30
19
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
9.6
Function set
9.6.1
DL (PARALLEL MODE ONLY)
Bit DL sets the interface data length. Data is sent or
received in bytes (DB7 to DB0) when DL = 1 or in two
nibbles (DB7 to DB4) when DL = 0. When 4-bit length is
selected, data is transmitted in two cycles using the
parallel bus. In a 4-bit application DB3 to DB0 are left open
(internal pull-ups).
DL can not be set to logic 0 from the I2C-bus interface.
If DL has been set to logic 0 via the parallel bus,
programming via the I2C-bus interface is complicated.
9.6.2
N AND M
Bits N and M set the number of display lines.
9.7
Set CGRAM address
‘Set CGRAM address’ sets bits 0 to 5 of the CGRAM
address (ACG in Table 3) into the AC (binary A[5] to A[0]).
Data can then be written to or read from the CGRAM.
Only bits 0 to 5 of the CGRAM address are set by the ‘set
CGRAM address’ instruction. Bit 6 can be set using the
‘set DDRAM address’ instruction or by using the
auto-increment feature during CGRAM write. All bits 0 to 6
can be read using the ‘read busy flag and address’
instruction.
9.8
Set DDRAM address
‘Set DDRAM address’ sets the DDRAM address (ADD in
Table 3) into the AC (binary A[6] to A[0]). Data can then be
written to or read from the DDRAM.
Table 5
Hexadecimal address ranges
ADDRESS
FUNCTION
00 to 4F
1 line of 24 characters
00 to 0B and 0C to 4F
2 lines of 12 characters
00 to 27 and 40 to 67
2 lines of 24 characters
00 to 13, 20 to 33, 40 to 53
and 60 to 73
4 lines of 12 characters
9.9
Read busy flag and address
‘Read busy flag and address’ reads the Busy Fag (BF).
When bit BF = 1 it indicates that an internal operation is in
progress. The next instruction will not be executed until
BF = 0, so BF should be checked before sending another
instruction.
At the same time, the value of the AC expressed in binary
A[6] to A[0] is read out. The address counter is used by
both CGRAM and DDRAM and its value is determined by
the previous instruction.
9.10
Write data to CGRAM or DDRAM
‘Write data’ writes binary 8-bit data (D[7] to D[0]) to the
CGRAM or the DDRAM.
Whether the CGRAM or DDRAM is to be written to is
determined by the previous specification of CGRAM or
DDRAM address setting. After writing, the address
automatically increments or decrements by 1, in
accordance with the ‘entry mode set‘.
Only bits D[4] to D[0] of CGRAM data are valid,
bits D[7] to D[5] are ‘don’t care’.
9.11
Read data from CGRAM or DDRAM
‘Read data’ reads binary 8-bit data D[7] to D[0] from the
CGRAM or DDRAM.
The most recent ‘set address’ instruction determines
whether the CGRAM or DDRAM is to be read.
The ‘read data’ instruction gates the content of the
Data Register (DR) to the bus while pad E = HIGH. After E
goes LOW again, internal operation increments
(or decrements) the AC and stores RAM data
corresponding to the new AC into the DR.
Remark: the only three instructions that update the DR are:
• ‘Set CGRAM address’
• ‘Set DDRAM address’
• ‘Read data’ from CGRAM or DDRAM.
Other instructions (e.g. ‘write data’, ‘cursor/display shift’,
‘clear display’, ‘return home’) will not change the data
register content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com