Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105MU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2105MU Datasheet HTML 1Page - NXP Semiconductors PCF2105MU Datasheet HTML 2Page - NXP Semiconductors PCF2105MU Datasheet HTML 3Page - NXP Semiconductors PCF2105MU Datasheet HTML 4Page - NXP Semiconductors PCF2105MU Datasheet HTML 5Page - NXP Semiconductors PCF2105MU Datasheet HTML 6Page - NXP Semiconductors PCF2105MU Datasheet HTML 7Page - NXP Semiconductors PCF2105MU Datasheet HTML 8Page - NXP Semiconductors PCF2105MU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
1998 Jul 30
2
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
3.1
Packages
3.2
Available types
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
PAD FUNCTIONS
7.1
RS: Register Select (parallel control)
7.2
R/W: read/write (parallel control)
7.3
E: data bus clock (parallel control)
7.4
DB7 to DB0: data bus (parallel control)
7.5
C60 to C1: column driver outputs
7.6
R32 to R1: row driver outputs
7.7
VLCD: LCD power supply
7.8
OSC: oscillator
7.9
SCL: serial clock line
7.10
SDA: serial data line
7.11
SA0: address input
7.12
T1: test input
8
FUNCTIONAL DESCRIPTION
8.1
LCD bias voltage generator
8.2
Oscillator
8.3
External clock
8.4
Power-on reset
8.5
Registers
8.6
Busy flag
8.7
Address Counter (AC)
8.8
Display Data RAM (DDRAM)
8.9
Character Generator ROM (CGROM)
8.10
Character Generator RAM (CGRAM)
8.11
Cursor control circuit
8.12
Timing generator
8.13
LCD row and column drivers
8.14
Programming of the MUX rate 1 : 16
8.15
Programming of the MUX rate 1 : 32
8.16
Reset function
9
INSTRUCTIONS
9.1
Clear display
9.2
Return home
9.3
Entry mode set
9.3.1
I/D
9.3.2
S
9.4
Display control
9.4.1
D
9.4.2
C
9.4.3
B
9.5
Cursor/display shift
9.6
Function set
9.6.1
DL (parallel mode only)
9.6.2
N and M
9.7
Set CGRAM address
9.8
Set DDRAM address
9.9
Read busy flag and address
9.10
Write data to CGRAM or DDRAM
9.11
Read data from CGRAM or DDRAM
10
INTERFACE TO MICROCONTROLLER
(PARALLEL INTERFACE)
11
INTERFACE TO MICROCONTROLLER
(I2C-BUS INTERFACE)
11.1
Characteristics of the I2C-bus
11.2
Bit transfer
11.3
START and STOP conditions
11.4
System configuration
11.5
Acknowledge
11.6
I2C-bus protocol
12
LIMITING VALUES
13
HANDLING
14
DC CHARACTERISTICS
15
AC CHARACTERISTICS
16
TIMING DIAGRAMS
17
APPLICATION INFORMATION
17.1
4-bit operation, 2
× 12 display using internal
reset
17.2
8-bit operation, 2
× 12 display using internal
reset
17.3
8-bit operation, 2
× 24 display
17.4
I2C-bus operation, 2
× 12 display
17.5
Initializing by instruction
18
BONDING PAD LOCATIONS
19
DEFINITIONS
20
LIFE SUPPORT APPLICATIONS
21
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com