Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7506443 Datasheet (PDF) - Turck, Inc.

7506443 Datasheet PDF - Turck, Inc.
Part # 7506443
Download  7506443 Download
File Size   501.48 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Analog Output and Extended Temperature Range

7506443 Datasheet (PDF)

Go To PDF Page Download Datasheet
7506443 Datasheet PDF - Turck, Inc.

Part # 7506443
Download  7506443 Click to download

File Size   501.48 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Analog Output and Extended Temperature Range

7506443 Datasheet (HTML) - Turck, Inc.


7506443 Product details

Features
■Threaded barrel, M18 x 1
■Chrome-plated brass
■Analog+
■Extended operating range
■Temperatures up to -40 °C
■2‐wire, 14…30 VDC
■Analog output
■4…20 mA
■Cable connection
■ATEX category II 1 G, Ex-zone 0
■ATEX category II 2 D, Ex-zone 21
Functional principle
Inductive TURCK sensors with analog output
accomplish simple control tasks. They provide a
current, voltage or frequency signal proportional
to the target's distance. The output signal is
linear to the distance of the target over the
entire sensing range.




Similar Part No. - 7506443

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7506443 TURCK-7506443 Datasheet
501Kb / 5P
Inductive Sensor – With Analog Output
11/07/2023
7506443 TURCK-7506443 Datasheet
546Kb / 5P
Inductive Sensor – With Analog Output
11/07/2023
More results


Similar Description - 7506443

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
Enhanced Digital Output Sensors: Extended temperature range
DS-0011 Rev A
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
logo
Renesas Technology Corp
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com