Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9116 Datasheet (PDF) - Enercon Technologies Europe AG

9116 Datasheet PDF - Enercon Technologies Europe AG
Part # 9116
Download  9116 Download
File Size   786.14 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Managed 12 X 10G Copper Ports 10G F/O Ports

9116 Datasheet (PDF)

Go To PDF Page Download Datasheet
9116 Datasheet PDF - Enercon Technologies Europe AG

Part # 9116
Download  9116 Click to download

File Size   786.14 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Managed 12 X 10G Copper Ports 10G F/O Ports

9116 Datasheet (HTML) - Enercon Technologies Europe AG


9116 Product details

Driven by rapid advancement and lower costs, Ethernet is
becoming the standard for IP-based components in a wide
range of military and commercial applications, including:
• Armored ground vehicles
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices that
must be interconnected. The MILTECH 9116 is an ideal
solution for mobile Ethernet-equipped platforms. With the
best combination of size, weight, power in the industry, it
saves valuable real estate for computers, sensors, targeting
systems, and other devices that make mobile platforms
highly effective.
The MILTECH 9116 is fully managed military grade
network switch/router offering 12 x 10G copper ports
+ 4 x 10G fiber ports using TacBeam connectors. It can
PRODUCT DESCRIPTION
be remotely managed to optimize communications and
prioritize critical information traffic. Advanced network
features, never before found in a package of this size,
include switching protocols, virtual LANS (VLANS),
traffic prioritization (QoS), and bandwidth aggregation
are standard.
The MILTECH 9116’s 10 gigabit speeds and 24VDC power
make it instantly compatible with network device and
power systems.
The MILTECH 9116’s is widely used in battlefield
communications C4ISR, video, sensor data acquisition,
and transmission. Its mechanical packaging enhancements,
including ruggedized D38999 connectors, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology, the MILTECH 9116 serves as a
robust commercial off-the-shelf (COTS) solution for rugged
LAN connectivity.




Similar Part No. - 9116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9116 ETC1-9116 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9116 ETC2-9116 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
9116 ETC2-9116 Datasheet
732Kb / 5P
Multi-ranging operation (output up to max power rating within maximum voltage and
logo
B&K Precision Corporati...
9116 BK-9116 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
logo
Heyco.
9116 HEYCO-9116 Datasheet
117Kb / 1P
Releasable Type T Rivets
More results


Similar Description - 9116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCS2-IXM407 ETC2-NCS2-IXM407 Datasheet
696Kb / 4P
4 ports 10G SFP NIC Module with Intel짰 XL710 Ethernet Controller
HES10GM-8E ETC2-HES10GM-8E Datasheet
479Kb / 3P
10G-port full Gigabit Managed Ethernet switches
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
logo
Lanner All Rights Reser...
NCS2-IXM407 LANNER-NCS2-IXM407 Datasheet
696Kb / 4P
4 ports 10G SFP NIC Module with Intel짰 XL710 Ethernet Controller
logo
Schneider Electric
TCSESB083F23F0 SCHNEIDER-TCSESB083F23F0 Datasheet
104Kb / 3P
Ethernet TCP/IP basic managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
MCSESM043F23F0 SCHNEIDER-MCSESM043F23F0 Datasheet
100Kb / 4P
Modicon Managed Switch - 4 ports for copper
Oct 30, 2020
TCSESL043F23F0 SCHNEIDER-TCSESL043F23F0 Datasheet
67Kb / 2P
ConneXium Lite Managed Switch - 4 ports for copper
Jul 21, 2021
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
logo
Advantech Co., Ltd.
EKI-7454G-6X ADVANTECH-EKI-7454G-6X Datasheet
319Kb / 2P
48GE6 10G SFP L2 Managed Switch
22-Jun-2021
EKI-9516 ADVANTECH-EKI-9516 Datasheet
551Kb / 2P
EN 50155 16-Port Managed Ethernet Switch with up to 12 x PoE Ports
28-Oct-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com